Electronic Components Datasheet Search
  English  ▼

X  

WB01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WB01
Description  8dBi Wideband LTE MIMO Panel Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WB01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SPE-13-8-050/B/SS
Page 3 of 18
2.Antenna Performance
Frequency Range: 698-960MHz
1710-2170MHz
2300-2700MHz
Gain
7.5dBi
8.0dBi
8.0dBi
Return Loss
>10dB
>10dB
>10dB
Polarisation
±45° Slant
±45° Slant
±45° Slant
Isolation
>28dB
>26dB
>26dB
Front Back ratio
>17dB
>20dB
>20dB
Horizontal 3dB BW
65°
56°
56°
Vertical 3dB BW
65°
56°
56°
Power Handling
100W
Impedance
50Ω
2.1 Mechanical Properties
Connector Type
2 x N Type Female
Dimensions
290*290*130mm
Weight
3Kg
Radome
UV Stabilized PVC
Mounting Kit
CL-V-103
2.2 Environmental Properties
Rated Wind Velocity
300km/h (125mph)
Lightning Protection
DC Grounded
Temperature
-40°C to + 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com