Electronic Components Datasheet Search
  English  ▼

X  

AM29F002B-55EIB Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29F002B-55EIB
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002B-55EIB Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29F002B-55EIB Datasheet HTML 1Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 2Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 3Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 4Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 5Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 6Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 7Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 8Page - Advanced Micro Devices AM29F002B-55EIB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
Am29F002/Am29F002N
PREL I M I N AR Y
GENERAL DESCRIPTION
The Am29F002 Family consists of 2 Mbit, 5.0 volt-only
Flash memory devices organized as 262,144 bytes.
The Am29F002 offers the RESET# function, the
Am29F002N does not. The data appears on DQ7–
DQ0. The device is offered in 32-pin PLCC, 32-pin
TSOP, and 32-pin PDIP packages. This device is
designed to be programmed in-system with the
standard system 5.0 volt VCC supply. No VPP is
required for write or erase operations. The device can
also be programmed in standard EPROM program-
mers.
The standard device offers access times of 55, 70, 90,
and 120 ns, allowing high speed microprocessors to
operate without wait states. To eliminate bus contention
the device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
The device requires only a single 5.0 volt power sup-
ply for both read and write functions. Internally gener-
ated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state-machine that
controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed
for the programming and erase operations. Reading
data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program
command sequence. This initiates the Embedded
Program algorithm—an internal algorithm that auto-
matically times the program pulse widths and verifies
proper cell margin.
Device erasure occurs by executing the erase com-
mand sequence. This initiates the Embedded Erase
algorithm—an internal algorithm that automatically
preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready
to read array data or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low
VCC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of the sectors of mem-
ory. This can be achieved via programming equipment.
The Erase Suspend feature enables the user to put
erase on hold for any period of time to read data from,
or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved.
The hardware RESET# pin terminates any operation
in progress and resets the internal state machine to
reading array data. The RESET# pin may be tied to the
system reset circuitry. A system reset would thus also
reset the device, enabling the system microprocessor
to read the boot-up firmware from the Flash memory.
(This feature is not available on the Am29F002N.)
The system can place the device into the standby
mode. Power consumption is greatly reduced in this
mode.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce the
highest levels of quality, reliability and cost effective-
ness. The device electrically erases all bits within
a sector simultaneously via Fowler-Nordheim tun-
neling. The data is programmed using hot electron
injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com