Electronic Components Datasheet Search
  English  ▼

X  

SX05GP Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SX05GP
Description  Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SX05GP Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SX05GP Datasheet HTML 1Page - Honeywell Solid State Electronics Center SX05GP Datasheet HTML 2Page - Honeywell Solid State Electronics Center SX05GP Datasheet HTML 3Page - Honeywell Solid State Electronics Center SX05GP Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SX SMT Series
2
www.honeywell.com/sensing
SPECIFICATIONS
(1)
Characteristic
Maximum Rating
Supply voltage
12 Vdc
Operating temperature
-40 °C to 125 °C [-40 °F to 257 °F]
Storage temperature
-55 °C to 125 °C [-67 °F to 257 °F]
Lead temperature (soldering 2 s to 4 s)
250 °C [482 °F]
STANDARD PRESSURE RANGES FOR SX SERIES
(1)
Sensitivity
(3)
Unit
Operating Pressure
Maximum Pressure
(2)
Nominal
Std. Dev.
0 psi to 1 psi
20 psi
3.90
±0.40
mV/V/psi
0 psi to 5 psi
20 psi
2.70
±0.38
mV/V/psi
0 psi to 15 psi
30 psi
1.50
±0.25
mV/V/psi
0 psi to 30 psi
60 psi
0.66
±0.06
mV/V/psi
0 psi to 100 psi
150 psi
0.30
±0.05
mV/V/psi
0 psi to 150 psi
200 psi
0.14
±0.02
mV/V/psi
PERFORMANCE SPECIFICATIONS
(1)
Characteristic
Min.
Typ.
Max.
Unit
Temperature coefficient of span
(4,5)
-2400
-2150
-1900
ppm/°C
Zero pressure offset TA
-35.0
-20.0
0
mV
Temperature coefficient of offset
(6,5)
–
4
–
µV/V/°C
Combined, linearity and hysteresis
(7)
–
0.2
0.5
% FS
Long term stability of offset and sensitivity
(8)
–
0.1
–
mV
Response time (10% to 90%)
(9)
–
100
–
µs
Input resistance TA = 25 °C [77 °F]
–
4.1
–
k
Ω
Temperature coefficient of resistance
(4,5)
–
750
810
ppm/°C
Output impedance
–
4.1
–
k
Ω
Repeatability
(10)
–
0.5
–
% FSS
Notes:
1.
Reference Conditions: Supply voltage, Vs = 5.0 Vdc, T
A = 0 °C to 70 °C [32 °F to 158 °F], common-mode line pressure =
0 psig, pressure applied to P1 unless otherwise noted.
2.
If maximum pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may
fracture.
3.
Sensitivity is the ratio of the output signal voltage change to the corresponding input pressure change. The sensitivity is
characterized by design and periodic production testing. This parameter in not 100 % tested in production.
4.
This is the best straight line fit for operation between 0 °C to 70 °C [32 °F to 158 °F]. For operation outside this temperature,
contact Honeywell representative for more specific application information.
5.
This parameter is not 100 % tested. It is guaranteed by process design and tested on a sample basis only. Temperature
coefficient of span for the 1.0 psi and 5.0 psi devices is -2550 ppm/°C to -2050 ppm/°C.
6.
Slope of the best straight line fit for operation between 0 °C to 70 °C [32 °F to 158 °F]. For operation outside this temperature,
contact factory for more specific application information.
7.
Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure.
8.
Long-term stability over a one year period.
9.
Response time for 0 psi to full scale span pressure step change.
10. Difference in output at any pressure with the operating pressure range and temperature within 0 °C to 70 °C [32 °F to 158 °F]
after 100 temperature cycles 0 °C to 70 °C [32 °F to 158 °F], 1.0 million pressure cycles 0 psi to full-scale span.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com