Electronic Components Datasheet Search
  English  ▼

X  

STP5N52K3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP5N52K3
Description  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N52K3 Datasheet(HTML) 4 Page - STMicroelectronics

  STP5N52K3 Datasheet HTML 1Page - STMicroelectronics STP5N52K3 Datasheet HTML 2Page - STMicroelectronics STP5N52K3 Datasheet HTML 3Page - STMicroelectronics STP5N52K3 Datasheet HTML 4Page - STMicroelectronics STP5N52K3 Datasheet HTML 5Page - STMicroelectronics STP5N52K3 Datasheet HTML 6Page - STMicroelectronics STP5N52K3 Datasheet HTML 7Page - STMicroelectronics STP5N52K3 Datasheet HTML 8Page - STMicroelectronics STP5N52K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
STB5N52K3, STD5N52K3, STF5N52K3, STP5N52K3, STU5N52K3
4/23
Doc ID 16952 Rev 2
2
Electrical characteristics
(Tcase =25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
525
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V; VDS=0
10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 50 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 2.2 A
1.2
1.5
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
545
45
8
-
pF
pF
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS
Equivalent output
capacitance
VDS = 0 to 420 V, VGS = 0
-
33
-
pF
Rg
Gate input resistance
f=1 MHz open drain
-
4.7
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 420 V, ID = 4.4 A,
VGS = 10 V
(see Figure 19)
-
17
3
10
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com