Electronic Components Datasheet Search
  English  ▼

X  

SX05AP Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SX05AP
Description  Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SX05AP Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SX05AP Datasheet HTML 1Page - Honeywell Solid State Electronics Center SX05AP Datasheet HTML 2Page - Honeywell Solid State Electronics Center SX05AP Datasheet HTML 3Page - Honeywell Solid State Electronics Center SX05AP Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Microstructure Pressure Sensors
Honeywell Sensing and Control
3
DIMENSIONAL DRAWINGS (For reference only. mm [in])
LOW PROFILE SMT
1,10
[.05]
O
8X 1,27
[.05]
7,60
[.30]
6,60
[.26]
7,60
[.30]
3,30
[.13]
3,30
[.13]
6,60
[.26]
3,70
[.14]
2,00
[.08]
3,30
[.13]
+ OUT
- OUT
+ EX
- EX
3,80
[.15]
8X 0,76 [.03]
7X 0,76 [.03]
0,5 [.02]
FOR GAGE PORT (P2)
ON CENTER
PADS
O
0,70
[.03]
PORTED “P” SMT
0,76
[.03]
7X
6,6
[.26]
1,01
[.04]
3,3
[.13]
3,3
[.13]
R0,3
[.01]
R0,3
[.01]
8,7
[.34]
7,6
[.30]
6,6
[.26]
7,61
[.30]
ON CENTER
PADS
+ OUT
- OUT
- EX
+ EX
FOR GAGE PORT (P2)
1,27
[.05]
8X
3,3
[.13]
3,8
[.15]
2,0
[.08]
8X 0,76
[.03]
0,5 [.02]
0,70
[.03]
2,05
±0.76
[0.081
±0.003]
PORTED “LP” SMT
0,76
[.03]
7X
6,6
[.26]
1,01
[.04]
3,3
[.13]
3,3
[.13]
2,3
[.09]
R0,3
[.01]
R0,3
[.01]
8,7
[.34]
7,6
[.30]
6,6
[.26]
7,61
[.30]
ON CENTER
PADS
+ OUT
- OUT
- EX
+ EX
FOR GAGE PORT (P2)
1,27
[.05]
8X
3,3
[.13]
3,8
[.15]
2,0
[.08]
8X
0,76
[.03]
0,5 [.02]
0,70
[.03]
EQUIVALENT CIRCUITS
- Out
+Out
Vs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com