Electronic Components Datasheet Search
  English  ▼

X  

STP80N20M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP80N20M5
Description  N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N20M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STP80N20M5 Datasheet HTML 1Page - STMicroelectronics STP80N20M5 Datasheet HTML 2Page - STMicroelectronics STP80N20M5 Datasheet HTML 3Page - STMicroelectronics STP80N20M5 Datasheet HTML 4Page - STMicroelectronics STP80N20M5 Datasheet HTML 5Page - STMicroelectronics STP80N20M5 Datasheet HTML 6Page - STMicroelectronics STP80N20M5 Datasheet HTML 7Page - STMicroelectronics STP80N20M5 Datasheet HTML 8Page - STMicroelectronics STP80N20M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB80N20M5, STP80N20M5
Electrical ratings
Doc ID 15734 Rev 2
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
61
A
ID
Drain current (continuous) at TC = 100 °C
38
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
244
A
PTOT
Total dissipation at TC = 25 °C
190
W
IAR
Avalanche current, repetitive or not-repetitive (pulse
width limited by Tj max)
20
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
500
mJ
dv/dt (2)
2.
ISD ≤ 61 A, di/dt ≤ 400 A/µs; VPeak < V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
D2PAK
Rthj-case
Thermal resistance junction-case max
0.66
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.50
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
30
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com