Electronic Components Datasheet Search
  English  ▼

X  

74HC5555 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC5555
Description  Programmable delay timer with oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC5555 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC5555 Datasheet HTML 1Page - NXP Semiconductors 74HC5555 Datasheet HTML 2Page - NXP Semiconductors 74HC5555 Datasheet HTML 3Page - NXP Semiconductors 74HC5555 Datasheet HTML 4Page - NXP Semiconductors 74HC5555 Datasheet HTML 5Page - NXP Semiconductors 74HC5555 Datasheet HTML 6Page - NXP Semiconductors 74HC5555 Datasheet HTML 7Page - NXP Semiconductors 74HC5555 Datasheet HTML 8Page - NXP Semiconductors 74HC5555 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
September 1993
2
Philips Semiconductors
Product specification
Programmable delay timer with oscillator
74HC/HCT5555
FEATURES
• Positive and negative edge
triggered
• Retriggerable or non-retriggerable
• Programmable delay
minimum: 100 ns
maximum: depends on input
frequency and division ratio
• Divide-by range of 2 to 224
• Direct reset terminates output
pulse
• Very low power consumption in
triggered start mode
• 3 oscillator operating modes:
– RC oscillator
– Crystal oscillator
– External oscillator
• Device is unaffected by variations
in temperature and VCC when using
an external oscillator
• Automatic power-ON reset
• Schmitt trigger action on both
trigger inputs
• Direct drive for a power transistor
• Low power consumption in active
mode with respect to TTL type
timers
• High precision due to digital timing
• Output capability: 20 mA
• ICC category: MSI.
APPLICATIONS
• Motor control
• Attic fan timers
• Delay circuits
• Automotive applications
• Precision timing
• Domestic appliances.
GENERAL DESCRIPTION
The 74HC/HCT5555 are high-speed
Si-gate CMOS devices and are pin
compatible with low power Schottky
TTL (LSTTL). They are specified in
compliance with JEDEC standard
no. 7A.
The 74HC/HCT5555 are precision
programmable delay timers which
consist of:
• 24-stage binary counter
• integrated oscillator (using external
timing components)
• retriggerable/non-retriggerable
monostable
• automatic power-ON reset
• output control logic
• oscillator control logic
• overriding asynchronous master
reset (MR).
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD x VCC2 x fi + Σ(CL x VCC2 x fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
Σ(CL x VCC2 x fo) = sum of outputs.
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
tPHL/tPLH
propagation delay
CL = 15 pF;
VCC = 5 V
A, B to Q/Q24
24
ns
MR to Q/Q19
20
ns
RS to Q/Q26
28
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per buffer
notes 1 and 2
23
36
pF
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
74HC/HCT5555N
16
DIL
plastic
SOT38Z
74HC/HCT5555D
16
SO16
plastic
SOT109A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com