Electronic Components Datasheet Search
  English  ▼

X  

AMT8100 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AMT8100
Description  1.25Gb/s Integrated 850nm MSM-TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8100 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AMT8100 Datasheet HTML 1Page - ANADIGICS, Inc AMT8100 Datasheet HTML 2Page - ANADIGICS, Inc AMT8100 Datasheet HTML 3Page - ANADIGICS, Inc AMT8100 Datasheet HTML 4Page - ANADIGICS, Inc AMT8100 Datasheet HTML 5Page - ANADIGICS, Inc AMT8100 Datasheet HTML 6Page - ANADIGICS, Inc AMT8100 Datasheet HTML 7Page - ANADIGICS, Inc AMT8100 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMT8100
Data Sheet - Revision 1
03/01
N
I
P
N
O
I
T
P
I
R
C
S
E
D
T
N
E
M
M
O
C
1V
T
U
O
)
d
e
t
r
e
v
n
i-
n
o
N
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
1
'
l
a
c
i
g
o
L
2V
D
D
e
g
a
tl
o
V
y
l
p
p
u
S
e
v
it
i
s
o
P
-s
tl
o
V
5
+
3V
T
U
O
)
d
e
t
r
e
v
n
I
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
0
'
l
a
c
i
g
o
L
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C
Table 1: Absolute Maximum Ratings
V
D
D
V
0
.
7
P
N
I
m
B
d
5
+
T
S
C
°
5
2
1
o
t
C
°
5
6
-
.
p
m
e
T
e
g
a
r
o
t
S
Table 3: Package Pin Description
Table 2: Electrical Characteristics
(1) Measured at –14 dBm optical input power with output connected into R
L = 100W
(differential)
(2) Measured at 10-12 BER with a 27-1 PRBS at 1.25 GB/s
(3) Measured at 10
-10 BER with a 27-1 PRBS at 1.25 Gb/s.
(4) Input optical power = -3 dBm, R
L = 100 W (differential).
(5) Measured with a 625 MHz, 50% duty cycle square wave.
(6) Measured with a 1.25 Gb/s, 27-1 PRBS.
(7) 1s about the center eye crossing.
(8) 6s about the center eye crossing.
l
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
)
(
h
t
g
n
e
l
e
v
a
W0
7
70
5
80
6
8m
n
a
e
r
A
e
v
it
c
A
r
o
t
c
e
t
e
D-
0
0
1
x
0
0
1-
m
µ 2
y
ti
v
i
s
n
o
p
s
e
R
l
a
it
n
e
r
e
ff
i
D
l
a
n
g
i
S
ll
a
m
S
)
1
(
)
z
H
M
0
5
@
(
0
0
0
1-
-
W
/
V
h
t
d
i
w
d
n
a
B
)
1
(
0
0
8-
0
0
5
1z
H
M
ff
o
t
u
C
y
c
n
e
u
q
e
r
F
w
o
L-
0
0
30
0
0
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O5
20
40
6m
h
O
d
a
o
lr
e
v
O
l
a
c
it
p
O
)
2
(
0-
-
m
B
d
y
ti
v
it
i
s
n
e
S
l
a
c
it
p
O
)
3
(
0
2
-1
2
-m
B
d
e
g
a
tl
o
V
t
u
p
t
u
O
l
a
it
n
e
r
e
ff
i
D
)
5
(
,)
4
(
-0
5
6-
V
m
T E
S
I
R
T
&
L
L
A
F
)
%
0
8
-
0
2
(
)
5
(
,)
4
(
-0
6
2-
s
p
n
o
it
r
o
t
s
i
D
e
l
c
y
C
y
t
u
D
)
6
(
,)
4
(
-6
0
1%
r
e
tt
i
J
S
M
R
)
7
(
,)
6
(
,)
4
(
-0
2-
s
p
)
k
p
-
k
p
(
r
e
tt
i
J
l
a
t
o
T
)
8
(
,)
6
(
,)
4
(
-0
0
1-
s
p
t
n
e
rr
u
C
y
l
p
p
u
S-
-
0
5A
m
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O5
.
40
.
55
.
5V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
-
0
7C
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com