Electronic Components Datasheet Search
  English  ▼

X  

TSM102AIDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSM102AIDT
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102AIDT Datasheet(HTML) 8 Page - STMicroelectronics

  TSM102AIDT Datasheet HTML 1Page - STMicroelectronics TSM102AIDT Datasheet HTML 2Page - STMicroelectronics TSM102AIDT Datasheet HTML 3Page - STMicroelectronics TSM102AIDT Datasheet HTML 4Page - STMicroelectronics TSM102AIDT Datasheet HTML 5Page - STMicroelectronics TSM102AIDT Datasheet HTML 6Page - STMicroelectronics TSM102AIDT Datasheet HTML 7Page - STMicroelectronics TSM102AIDT Datasheet HTML 8Page - STMicroelectronics TSM102AIDT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TSM102/A
8/9
Notes:
The current control values must be chosen in ac-
cordance with the elements of the primary side.
The performances of the battery charger in their
globality are highly dependent on the adequation
of the primary and the secondary elements.
The addition of the diode D9 is necessary to avoid
dramatic discharge of the battery cells in case of
the charger disconnection from the mains voltage,
and therefore, the voltage measurement is to be
operated on the cathode side of the diode not to
take its voltage drop into account. The total bridge
value of R1, R2, R3 must ensure low battery dis-
charge if the charger is disconnected from main,
but remains connected to the battery by mistake.
The chosen values impose a 44
µA discharge cur-
rent max.
R12 and R13 are the equivalent resistors seen
from the opamp and from the comparator.
A hysteresis resistor can be connected to the “End
Of Charge” comparator to ensure proper hystere-
sis to this signal, but this resistor must be chosen
carefully not to degrade the output voltage preci-
sion. It might be needed to impose unidirectionnal
hysteresis (by inserting a diode on the positive
feedback of the comparator).
Figure 3 shows how to use the integrated Voltage
Reference to build a precise Power Supply for the
TSM102A (and other components if necessary).
Pin 8 remains the reference for all voltage mea-
surements for the rest of the application.
Figure 3 : A precise power supply for the TSM102A and other components
Vaux
TSM102 Vref
Vcc
+
9
Vaux
13
8
+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com