Electronic Components Datasheet Search
  English  ▼

X  

70F Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 70F
Description  VARNISHED RF CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70F Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  70F Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
Material Number
70F SERIES
Product Line
VARNISHED RF CHOKES
Compliance Date
01-January-2007
RoHS Compliant
YES
MSL
1
No.
Construction
Element
(subpart)
Homogeneous
Material
Material
weight
[g]
Homogeneous Material\
Substances
CASRN
if
applicable
Materials Mass
%
Material Mass %
of total unit wt.
Subpart
mass of
total wt. (%)
1
IRON POWER
Core
Ferrite cord
0.5
Iron oxide
1309-37-1
60
28.8
48.1
Zinc oxide
1314-13-2
10
4.8
Manganese oxide
1313-99-1
20
9.6
Copper oxide
1317-38-0
10
4.8
2
MAGNET WIRE
Copper Wire
0.4
Copper
7440-50-8
95
36.5
38.5
Polyester Resin
68400-67-9
5
1.9
3
VARNISH
Polyurethane
0.04
Polyurethane
9009-54-5
100
3.8
3.8
4
SOLDER BAR
Solder
0.1
Tin
7440-31-5
89.6
8.6
9.6
Silver
7440-22-4
2.1
0.2
Copper
7440-50-8
6.3
0.6
Total weight
1.04
This Document was updated on: 01-March-2007
Important remarks:
1.
It is the responsibility of the user to verify they are accessing the latest version.


Similar Part No. - 70F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70F00000Z LITTELFUSE-70F00000Z Datasheet
100Kb / 1P
Alarm Indicating Fuse
logo
Bourns Electronic Solut...
70F101AF-RC BOURNS-70F101AF-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
70F102AI-RC BOURNS-70F102AI-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
70F103AI-RC BOURNS-70F103AI-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
70F104AI-RC BOURNS-70F104AI-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
More results

Similar Description - 70F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Bourns Electronic Solut...
4626 BOURNS-4626 Datasheet
108Kb / 1P
Varnished Chokes
4668 BOURNS-4668 Datasheet
108Kb / 1P
Varnished Chokes
6302-RC BOURNS-6302-RC Datasheet
426Kb / 1P
Varnished Chokes
logo
Frontier Electronics.
3361I FRONTIER-3361I_15 Datasheet
126Kb / 1P
RF SIGNAL CHOKES
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
RF chokes, BC series
logo
Allied Components Inter...
AVC40I ALLIED-AVC40I Datasheet
849Kb / 1P
Axial Varnished Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com