Electronic Components Datasheet Search
  English  ▼

X  

ARA2000S23 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ARA2000S23
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2000S23 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ARA2000S23 Datasheet HTML 4Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 5Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 6Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 7Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 8Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 9Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 10Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 11Page - ANADIGICS, Inc ARA2000S23 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ARA2000S23
IIP2 & IIP3 vs Frequency
20
24
28
32
36
40
5
10152025303540455055606570758085
9095
100
Frequency (MHz)
4
6
8
10
12
14
IIP2
IIP3
Measured @ VDD = 5 Volts
Pin = -20 dBm per tone
IIP2 & IIP3 vs VDD
20
24
28
32
36
40
3
4567
VDD (Volts)
-5
-1
3
7
11
15
IIP2
IIP3
Measured @ 65 MHz
Two tones @ 29.5 MHz & 35.5 MHz
Pin = -20 dBm per tone
ARA2000 Harmonic Performance over Frequency
Pout = +62 dBmV
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
0
5
10
15
20
25
30
35
40
Frequency (MHz)
2nd Harmonic
3rd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com