Electronic Components Datasheet Search
  English  ▼

X  

OD663 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD663
Description  HIGH-POWER GaAlAs IRLED ILLUMINATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD663 Datasheet(HTML) 1 Page - OptoDiode Corp

  OD663 Datasheet HTML 1Page - OptoDiode Corp OD663 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663
FEATURES
• Super high power output
• 880nm peak emission
• Three chips connected in series
• TO-66 header for good heat dissipation
• 100% tested for power output
• Electrically isolated case
All surfaces are gold plated. Dimensions are nominal
values in inches unless otherwise specified.
Peak Emission Wavelength, λP
Spectral Bandwidth at 50%, ∆λ
Half Intensity Beam Angle, θ
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Fall Time
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10µs, 400Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10sec)
IF = 50mA
IF = 300mA
IR = 10µA
VR = 0V
880
80
120
4.5
30
30
1
1
5
nm
nm
Deg
Volts
Volts
pF
µ
sec
µ
sec
2W
400mA
8A
5V
260°C
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
Total Power Output, Po
IF = 300mA
IF = 8A
mW
150
5
170
3500
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA1
Thermal Resistance, RTHJA2
-55°C to 100°C
100°C
60°C/W Typical
16°C/W Typical
THERMAL PARAMETERS
1Heat transfer minimized by measuring in still air with minimum heat conducting through leads
2Air circulating at a rapid rate to keep case temperature at 25°C
.142
.152
.955
.965
.325
1.225
1.255
.480
.680
.700
.350
MIN
.030
.084
.096
.426
.432
.170
MAX
EPOXY
.053
.067
.342 R
CATHODE
ANODE
LED CHIPS
(REF. ONLY)
DIMPLE
.140 R
RoHS
Revision February 26, 2013


Similar Part No. - OD663

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD663-850 OPTODIODE-OD663-850 Datasheet
269Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
logo
Electronic Components L...
OD6634 CLIFF-OD6634 Datasheet
82Kb / 1P
BEVEL CUT NIPPERS BS/3058
More results

Similar Description - OD663

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-663 OPTODIODE-OD-663 Datasheet
374Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663 OPTODIODE-OD-663_13 Datasheet
250Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850 Datasheet
276Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD663-850 OPTODIODE-OD663-850 Datasheet
269Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD666 OPTODIODE-OD666 Datasheet
248Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD669-850 OPTODIODE-OD669-850 Datasheet
272Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-663-850 OPTODIODE-OD-663-850_15 Datasheet
353Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-666-850 OPTODIODE-OD-666-850_15 Datasheet
371Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669 OPTODIODE-OD-669_15 Datasheet
295Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
OD-669-850 OPTODIODE-OD-669-850_15 Datasheet
361Kb / 2P
HIGH-POWER GaAlAs IRLED ILLUMINATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com