Electronic Components Datasheet Search
  English  ▼

X  

OD880LHT Datasheet(PDF) 2 Page - OptoDiode Corp

Part # OD880LHT
Description  HIGH TEMPERATURE GaAlAs IR EMITTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD880LHT Datasheet(HTML) 2 Page - OptoDiode Corp

  OD880LHT Datasheet HTML 1Page - OptoDiode Corp OD880LHT Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-880LHT
DEGRADATION CURVE
FORWARD I-V CHARACTERISTICS
SPECTRAL OUTPUT
RADIATION PATTERN
POWER OUTPUT vs TEMPERATURE
POWER OUTPUT vs FORWARD CURRENT
STRESS TIME, (hrs)
101
100
BEAM ANGLE, θ(deg)
–50
100
FORWARD VOLTAGE, VF (volts)
0
4
AMBIENT TEMPERATURE (°C)
–50
1.5
WAVELENGTH, λ(nm)
750
100
FORWARD CURRENT, IF (mA)
10
1,000
80
60
40
20
0
–40
–30
–20
–10
0
10
20
30
40
50
90
80
70
60
50
102
103
104
105
IF = 20mA
IF = 50mA
IF = 100mA
3
2
1
0
1
2
3
4
5
6
800
850
900
950
1,000
80
60
40
20
0
100
10
1
100
1,000
10,000
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
–25
0
25
50
75
100
TCASE = 25°C
NO PRE BURN-IN PERFORMED
THERMAL DERATING CURVE
DUTY CYCLE, D (%)
0.01
0.1
1
MAXIMUM PEAK PULSE CURRENT
10
100
0.1
0.01
10
1
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
180
80
60
40
20
0
200
160
140
120
100
t = 10μs
t = 100μs
t = 500μs
t
T
Ip
D = t
T
NO
HEAT SINK
INFINITE
HEAT SINK
1
DC
PULSE
10μs, 100Hz
Revision February 26, 2013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com