Electronic Components Datasheet Search
  English  ▼

X  

ATA7601 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ATA7601
Description  5.0V 10Gb/s TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7601 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ATA7601 Datasheet HTML 1Page - ANADIGICS, Inc ATA7601 Datasheet HTML 2Page - ANADIGICS, Inc ATA7601 Datasheet HTML 3Page - ANADIGICS, Inc ATA7601 Datasheet HTML 4Page - ANADIGICS, Inc ATA7601 Datasheet HTML 5Page - ANADIGICS, Inc ATA7601 Datasheet HTML 6Page - ANADIGICS, Inc ATA7601 Datasheet HTML 7Page - ANADIGICS, Inc ATA7601 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Preliminary Data Sheet - Revision 1
03/01
ATA7601
Figure 3: External Capacitor Required for Low Frequency Cutoff
10
100
1000
10000
0
50
100
150
200
250
300
350
400
Low Frequency Cutoff (kHz)
10mV/Div.
25ps/Div.
Figure 4: Eye Diagram with an Optical Input Power of -19dBm
40mV/Div.
25ps/Div.
Figure 5: Eye Diagram with an Optical Input Power of -9dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com