Electronic Components Datasheet Search
  English  ▼

X  

AD7631BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7631BCPZ
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7631BCPZ Datasheet HTML 20Page - Analog Devices AD7631BCPZ Datasheet HTML 21Page - Analog Devices AD7631BCPZ Datasheet HTML 22Page - Analog Devices AD7631BCPZ Datasheet HTML 23Page - Analog Devices AD7631BCPZ Datasheet HTML 24Page - Analog Devices AD7631BCPZ Datasheet HTML 25Page - Analog Devices AD7631BCPZ Datasheet HTML 26Page - Analog Devices AD7631BCPZ Datasheet HTML 27Page - Analog Devices AD7631BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7631
Rev. A | Page 24 of 32
INTERFACES
DIGITAL INTERFACE
The AD7631 has a versatile digital interface that can be set up as
either a serial or a parallel interface with the host system. The
serial interface is multiplexed on the parallel data bus. The
AD7631 digital interface also accommodates 2.5 V, 3.3 V, or 5 V
logic. In most applications, the OVDD supply pin is connected
to the host system interface 2.5 V to 5.25 V digital supply. Finally,
by using the D0/OB/2C input pin, both twos complement or
straight binary coding can be used, except for a 18-bit parallel
interface.
Two signals, CS and RD, control the interface. When at least
one of these signals is high, the interface outputs are in high
impedance. Usually, CS allows the selection of each AD7631 in
multicircuit applications and is held low in a single AD7631
design. RD is generally used to enable the conversion result on
the data bus.
RESET
The RESET input is used to reset the AD7631. A rising edge on
RESET aborts the current conversion (if any) and tristates the
data bus. The falling edge of RESET resets the AD7631 and clears
the data bus and configuration register. See Figure 36 for the
RESET timing details.
t9
t8
RESET
DATA
BUS
BUSY
CNVST
Figure 36. RESET Timing
PARALLEL INTERFACE
The AD7631 is configured to use the parallel interface when the
MODE[1:0] pins = 0, 1, or 2 for 18-/16-/8-bit interfaces,
respectively, as shown in Table 7.
Master Parallel Interface
Data can be continuously read by tying CS and RD low, thus
requiring minimal microprocessor connections. However, in
this mode, the data bus is always driven and cannot be used in
shared bus applications (unless the device is held in RESET).
details the timing for this mode.
Figure 37
t1
BUSY
DATA
BUS
PREVIOUS CONVERSION DATA
NEW DATA
CNVST
CS = RD = 0
t10
t4
t11
t3
Figure 37. Master Parallel Data Timing for Reading (Continuous Read)
Slave Parallel Interface
In slave parallel reading mode, the data can be read either after
each conversion, which is during the next acquisition phase, or
during the following conversion, as shown in Figure 38 and
Figure 39, respectively. When the data is read during the
conversion, it is recommended that it is read-only during the
first half of the conversion phase. This avoids any potential
feedthrough between voltage transients on the digital interface
and the most critical analog conversion circuitry.
CURRENT
CONVERSION
t13
t12
BUSY
DATA
BUS
RD
CS
Figure 38. Slave Parallel Data Timing for Reading (Read After Convert)
PREVIOUS
CONVERSION
t13
t12
t3
BUSY
DATA
BUS
CNVST,
RD
CS = 0
t4
t1
Figure 39. Slave Parallel Data Timing for Reading (Read During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com