Electronic Components Datasheet Search
  English  ▼

X  

ATA7602D1 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ATA7602D1
Description  10GB/s Offset Control TIA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7602D1 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ATA7602D1 Datasheet HTML 1Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 2Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 3Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 4Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 5Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 6Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 7Page - ANADIGICS, Inc ATA7602D1 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Advanced Product Information - Revision 0
03/01
ATA7602
Absolute Maximum Ratings
Operating Conditions
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
)
d
e
l
p
u
o
C
C
D
(
t
n
e
rr
u
C
y
l
p
p
u
S5
1
15
5
1A
m
e
g
a
tl
o
V
C
D
t
u
p
n
I9
.
3
-V
e
g
a
tl
o
V
C
D
t
u
p
t
u
O4
.
0
-V
DC Characteristics
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
V
(
y
l
p
p
u
s
r
e
w
o
P
C
D
E
E
)0
.
7
-0
.
1V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-5
2
1
o
C
t
n
e
rr
u
C
t
u
p
n
I
C
D
0
.
3A
m
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
e
g
n
a
R
e
g
a
tl
o
V
g
n
it
a
r
e
p
O0
5
.
5
-2
.
5
-0
9
.
4
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
-5
8
o
C
)
y
a
rt
s
+
N
I
P
(
e
c
n
a
ti
c
a
p
a
C
e
d
o
i
d
o
t
o
h
P
3
.
0F
p
)
e
d
o
n
a
+
e
ri
w
d
n
o
B
(
e
c
n
a
t
s
i
s
e
R
s
e
ir
e
S
5
1
e
c
n
a
t
c
u
d
n
I
e
ri
w
d
n
o
B
0
.
1H
n
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com