Electronic Components Datasheet Search
  English  ▼

X  

CZ8462 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CZ8462
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CZ8462 Datasheet(HTML) 1 Page - API Technologies Corp

  CZ8462 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+33 dBm (Typ.)
Second Order Two Tone Intercept Poin..........+27 dBm (Typ.)
Third Order Two Tone Intercept Point.............+20 dBm (Typ.)
Power
Vdc
+15
+15
mA
25
28 Max.
RF AMPLIFIER
MODEL CZ8462
Features
 Lower Cost
 Cascadable
 Operating Temp. -55 ºC to +85 ºC
 Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
5.0
7.0 Max.
VSWR
In
1.75:1
2.2:1 Max.
Out
1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
- 20
-18 Max.
Power @ 1 dB
Comp. (dBm)
+8.5
+7.0 Min.
Gain (dB)
14.5
13.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Current .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
μsec Max.)
Revision 5/7/2012
Frequency
100 kHz - 400 MHz
300 kHz - 400 MHz
Available as:
CZ8462, 4 Pin TO-12 (T7)
TN8462, 4 Pin Surface Mount (SM3)
FP8462, 4 Pin Flatpack (FP4)
PN8462, Reduced Size Surface Mount (SM11)
The CZ846X Series Amplifiers are designed for applications in 50 ohm
systems. Three external capacitors are required. The external capacitors
determine the low frequency response of the Amplifier.
The CZ846X Series Amplifiers can be cascaded in series of two or
more units without oscillation problems.
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
50 Ohm Input
50 Ohm Output
+Vcc
CZ Series Amp
Schematic Diagram


Similar Part No. - CZ8462

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
CZ8462 SPECTRUM-CZ8462 Datasheet
68Kb / 1P
RF AMPLIFIER
More results

Similar Description - CZ8462

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com