Electronic Components Datasheet Search
  English  ▼

X  

CZ8220 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CZ8220
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CZ8220 Datasheet(HTML) 1 Page - API Technologies Corp

  CZ8220 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+32 dBm (Typ.)
Second Order Two Tone Intercept Point.........+26 dBm (Typ.)
Third Order Two Tone Intercept Point.............+20 dBm (Typ.)
Power
Vdc
+3.2
+3.2
m A
25
28 Max.
RF AMPLIFIER
MODEL CZ8220
Features
!
!
!
!
! Lower Cost; Medium Gain: 10 dB Typical
!
!
!
!
! Output Power: +8 dBm Typical
!
!
!
!
! Operating Temp. 0 ºC to +70 ºC
!
!
!
!
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +70 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<6.0
7.5 Max.
VSWR
In
<1.75:1
2.5:1 Max.
Out
<1.75:1
2.5:1 Max.
Reverse
Isolation (dB)
-14.5
-14 Max.
Power @ 1 dB
Comp. (dBm)
+8
+6.0 Min.
Gain (dB)
10
9.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 125 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Current ............................................................. 55 mA
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
11/18/04
Frequency
kHz - 600 MHz
kHz - 600 MHz
Available as:
CZ8220, 3 Pin TO-39 (T10)
TN8220, 4 Pin Surface Mount (SM3)
FP8220, 4 Pin Flatpack (FP4)
BX8220, Connectorized Housing (H1)
The CZ82X0 Series Amplifiers are designed for application in 50 ohm
systems. Three external capacitors and a decoupling impedance are
required. The decoupling impedance must be large in comparison to
the 50 ohm load to minimize gain reduction.
Data sheet curves are
based on the noted decoupling impedance.
The external capacitors
determine the low frequency recponse of the Amplifier.
The CZ82X0 Series Amplifiers can be cascaded in series of two or
more units without oscillation problems.
50 OhmInput
50 OhmOutput
+Vcc
CZ SeriesAmp
Decoupling
Impedance
Schematic Diagram
Start kHz
Stop 600 MHz
Start kHz
Stop 600 MHz
Start kHz
Stop 600 MHz
Start kHz
Stop 600 MHz
Start kHz
Stop 600 MHz
Start kHz
- 10
- 20
- 30
- 40
2.0
1.5
1.0
2.0
1.5
1.0
8
7
6
4
11
12
10
9
8
+9
+10
+8
+7
+6
5
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
0
Stop 600 MHz
* Decoupling Impedance is 1 KOhm
Legend
+25 ºC
+70 ºC - - - - - - 0 ºC
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - CZ8220

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
CZ8220 SPECTRUM-CZ8220 Datasheet
46Kb / 1P
RF AMPLIFIER
More results

Similar Description - CZ8220

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com