Electronic Components Datasheet Search
  English  ▼

X  

CZ8207 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CZ8207
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CZ8207 Datasheet(HTML) 1 Page - API Technologies Corp

  CZ8207 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Legend
+ 25 ºC
+70 ºC - - - - - - 0 ºC
Power
Vdc
+5
+5
mA
17
21 Max.
RF AMPLIFIER
MODEL
CZ8207
Available as:
CZ8207, 4 Pin TO-12 (T7)
TN8207, 4 Pin Surface Mount (SM3)
Features
!
!
!
!
! 5 Volt Operation
!
!
!
!
! High Gain: 18 dB Typical
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +70 ºC
Frequency
5 - 200 MHz
5 - 200 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<4.0
5.0 Max.
VSWR
In
<1.25:1
2.0:1 Max.
Out
<1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-25
-24 Max.
Power @ 1 dB
Comp. (dBm)
+4
0 Min.
Gain (dB)
18
17.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................. 0.2 Watt ( 3
µsec Max.)
Second Order HarmonicInterceptPoint........+ 23 dBm (Typ.)
Second Order Two Tone Intercept Point.......+ 17 dBm (Typ.)
Third Order Two Tone Intercept Point ..........+ 15 dBm (Typ.)
11/03/04
2.0
1.5
1.0
2.0
1.5
1.0
2
6
5
4
3
20
18
16
+ 5
+ 4
+ 3
+ 2
+ 1
0
- 10
- 20
- 30
- 40
17
19
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - CZ8207

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CZ8201 APITECH-CZ8201 Datasheet
70Kb / 1P
RF AMPLIFIER
CZ8202 APITECH-CZ8202 Datasheet
40Kb / 1P
RF AMPLIFIER
logo
Spectrum Microwave, Inc...
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
CZ8203 APITECH-CZ8203 Datasheet
63Kb / 1P
RF AMPLIFIER
logo
Spectrum Microwave, Inc...
CZ8205 SPECTRUM-CZ8205 Datasheet
42Kb / 1P
RF AMPLIFIER
More results

Similar Description - CZ8207

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com