Electronic Components Datasheet Search
  English  ▼

X  

IRFSL7440PbF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFSL7440PbF
Description  Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL7440PbF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFSL7440PbF Datasheet HTML 3Page - International Rectifier IRFSL7440PbF Datasheet HTML 4Page - International Rectifier IRFSL7440PbF Datasheet HTML 5Page - International Rectifier IRFSL7440PbF Datasheet HTML 6Page - International Rectifier IRFSL7440PbF Datasheet HTML 7Page - International Rectifier IRFSL7440PbF Datasheet HTML 8Page - International Rectifier IRFSL7440PbF Datasheet HTML 9Page - International Rectifier IRFSL7440PbF Datasheet HTML 10Page - International Rectifier IRFSL7440PbF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRFS/SL7440PbF
www.irf.com
9
October 10, 2012
D2Pak (TO-263AB) Part Marking Information
D2Pak (TO-263AB) Package Outline
Dimensions are shown in millimeters (inches)
96U@Ã8P9@
`@6SÃÃ2Ã!
X@@FÃ!
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@
S@8UDAD@S
DIU@SI6UDPI6G
Q6SUÃIVH7@S
QÃ2Ã9@TDBI6U@TÃG@69ÃÃAS@@
QSP9V8UÃPQUDPI6G
A$"T
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅGÅ
6TT@H7G@9ÃPIÃXXÃ!Ã!
UCDTÃDTÃ6IÃDSA$"TÃXDUC
GPUÃ8P9@Ã'!#
DIU@SI6UDPI6G
GPBP
S@8UDAD@S
GPUÃ8P9@
6TT@H7G`
`@6SÃÃ2Ã!
Q6SUÃIVH7@S
96U@Ã8P9@
GDI@ÃG
X@@FÃ!
25
A$"T
GPBP
6TT@H7G`
GPUÃ8P9@
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com