Electronic Components Datasheet Search
  English  ▼

X  

CZ8050 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CZ8050
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CZ8050 Datasheet(HTML) 1 Page - API Technologies Corp

  CZ8050 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +42 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +36 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +23 dBm (Typ.)
Legend
+25 ºC
+70 ºC - - - - - - 0 ºC
Power
Vdc
+15
+15
mA
67
75 Max.
RF AMPLIFIER
MODEL
CZ8050
Available as: CZ8050, 4 Pin TO-12 (T7)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +70 ºC
Frequency
5 - 1000 MHz
5 - 1000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<6.0
7.0 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-31.5
-30 Max.
Power @ 1 dB
Comp. (dBm)
+10
+6.0 Min.
Gain (dB)
22.5
20.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power........50 Milliwatts (1 MinuteMax.)
Maximum Peak Power ...................0.5 Watt ( 3
µsec Max.)
Features
!
!
!
!
! High Gain: 22.5 dB Typical
!
!
!
!
! Medium Output Power: +10 dBm Typical
!
!
!
!
! Operating Temp. 0 ºC to +70 ºC
!
!
!
!
! Environmental Screening Available
2.0
1.5
1.0
2.0
1.5
1.0
3
7
6
5
4
+13
+11
+9
+7
+5
0
- 10
- 20
- 30
- 40
Start 5 MHz
Stop 1000 MHz
Start 5 MHz
Stop 1000 MHz
Start 5 MHz
Stop 1000 MHz
Start 5 MHz
Stop 1000 MHz
Start 5 MHz
Stop 1000 MHz
Start 5 MHz
Stop 1000 MHz
20
22
23
24
21
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
11/30/04
Linear S-Parameters
FR
– – – – S11– – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=============================================================================================
10
50
100
250
500
750
1000
.01
.01
.01
.02
.04
.08
.11
- 88
-106
- 89
-114
-170
149
115
1
-
6
- 12
- 31
- 62
- 93
-124
.02
.01
.01
.02
.02
.02
.02
5
8
- 1
12
20
20
24
.28
.28
.28
.27
.27
.25
.21
-176
176
170
155
128
100
71
14.34
14.37
14.44
14.28
13.90
13.13
11.93
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - CZ8050

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
CZ8050 SPECTRUM-CZ8050 Datasheet
42Kb / 1P
RF AMPLIFIER
More results

Similar Description - CZ8050

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com