Electronic Components Datasheet Search
  English  ▼

X  

CZ8030 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CZ8030
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CZ8030 Datasheet(HTML) 1 Page - API Technologies Corp

  CZ8030 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +32 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +26 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +21 dBm (Typ.)
Legend
+25 ºC
+70 ºC - - - - - - 0 ºC
Power
Vdc
+5
+5
m A
25
28 Max.
RF AMPLIFIER
MODEL
CZ8030
Available as:
CZ8030, 3 Pin TO-39
TN8030, 4 Pin Surface Mount (SM3)
BX8030, SMA Connectorized Housing (H1)
Features
!
!
!
!
! Lower Cost
!
!
!
!
! Operating Temp. 0 ºC to +70 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +70 ºC
Frequency
kHz - 400 MHz
kHz - 400 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
6.0
7.0 Max.
VSWR
In
<1.5:1
3.0:1 Max.
Out
<1.5:1
2.5:1 Max.
Reverse
Isolation (dB)
-15
-14 Max.
Power @ 1 dB
Comp. (dBm)
+16
+14 Min.
Gain (dB)
14
13 Min.
Specifications
Typical Performance Data
Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................... + 8 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.5 Watt ( 3
µsec Max.)
3/30/04
2.5
1.0
1.0
3.0
1.75
2.0
4
16
14
12
+17
+16
+15
+14
+13
0
- 10
- 20
- 30
- 40
13
15
Stop 400 MHz
Stop 400 MHz
Stop 400 MHz
Stop 400 MHz
Stop 400 MHz
Stop 400 MHz
8
7
6
5
Start kHz
Start kHz
Start kHz
Start kHz
Start kHz
Start kHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
*Three external capacitors and a decoupling impedence are
required. The decoupling impedance must be large in comparison to
the 50 Ohm load to minimize gain reduction. The external capacitors
determine the low frequency response of the amplifier.
*Decoupling Impedance is 1 kOhm.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - CZ8030

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
CZ8030 SPECTRUM-CZ8030 Datasheet
40Kb / 1P
RF AMPLIFIER
More results

Similar Description - CZ8030

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com