Electronic Components Datasheet Search
  English  ▼

X  

AWT6104M5 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6104M5
Description  PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6104M5 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6104M5 Datasheet HTML 1Page - ANADIGICS, Inc AWT6104M5 Datasheet HTML 2Page - ANADIGICS, Inc AWT6104M5 Datasheet HTML 3Page - ANADIGICS, Inc AWT6104M5 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AWT6104M5
Electrical Specifications (TDMA 1850-1910 MHz)
(Unless otherwise specified: V
cc = 3.5V,
Z
IN
= Z
OUT
=50
Ω System , T
C = 25 °C)
Parameter
Minimum
Typical
Maximum
Units
Frequency Range
1850
1910
MHz
Supply Voltage Range
3.0
3.5
5.0
V
Ref. Voltage Range
2.75
2.8
2.9
V
Ref. Current
2
mA
Output Power, V
CC = 3.5V
30
dBm
Output Power, V
CC = 3.0V
29
dBm
Input VSWR
2:1
Output VSWR
2:1
Power Added Efficiency
Pout = 30 dBm
40
%
Power Added Efficiency
Pout = 16 dBm (V
MODE = 2.7V)
Low Power Mode
7
%
Icq (V
MODE = 2.7V)
Low Power Mode
50
mA
Linearity (P
OUT avg. = 30 dBm) & V CC =3.5V
NADC - modulation
ACPR +/- 30 kHz
-28
dBc
ACPR +/- 60 kHz
-48
dBc
ACPR +/- 90 kHz
-50
dBc
Noise at Receiver Band
Pout
30 dbm
-85
dBm/30 kHz
Gain, P
OUT = 30 dBm
30
Leakage Current
V
CC = 3.5V ; V REF = 0V ; V MODE =2.7V
25
A
Harmonics 2fo, P
OUT = 30 dBm
-30
dBc
3fo, P
OUT = 30 dBm
-30
dBc
Stability
(out of band load VSWR < 20:1)
(in band load VSWR < 10:1)
-60
dBc, all spurious
Pin - 50 dBm …
+0 dBm
Ruggedness
Stress for no permanent degradation or failure,
V
CC = 5.0 V
10:1
µ
≤
V
MODE
V
ICQ Ty p
Powe r
Rang e
P
OUT
Leve ls
Mod e
High
2 .7
50 m A
Low
0-22 dB m
NADC PCS Lo w
Powe r
Low
0
100 m A
High
22-30 dB m
NADC PCS Hig h
Powe r
Bias Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com