Electronic Components Datasheet Search
  English  ▼

X  

4132 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 4132
Description  POWER DIVIDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

4132 Datasheet(HTML) 1 Page - API Technologies Corp

  4132 Datasheet HTML 1Page - API Technologies Corp 4132 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
TWO WAY, 1 TO 18 GHz
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
4002 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB) @ f (GHz)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.3
1.35/1.35
20
0.2
2
15
4122
2-4
0.3
1.35/1.35
20
0.2
3
5
4132
2.3-4.4
0.4
1.25/1.30
20
0.2
3
2
4132A
3.7-4.2
0.4
1.25/1.30
20
0.2
3
2
4212
4-8
0.4
1.35/1.35
20
0.3
3
2
4142
7.2-10.8
0.6
1.50/1.35
20
0.4
4
2
4152A
2-18
(Note 2)
1.50/1.40
17 (2-3 GHz)
0.2
2 (2-3 GHz)
5
4232
20 (3-5 GHz)
3 (3-5 GHz)
24 (5-18 GHz)
5 (5-18 GHz)
NOTES:
1.
Input power with 1.5 max output systems VSWR.
2.
0.6 + .07 x f (GHz) dB max.
3.
Input power with 1.5 max output load VSWR. Power handling is reduced when used as a combiner. Consult factory.
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
OUTLINE DRAWING
MODELS 4122, 4132, 4132A, 4212, 4142 and 4152A


Similar Part No. - 4132

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4132 FILTRONIC-4132 Datasheet
323Kb / 2P
POWER DIVDERS - TWO WAY, 1TO 18 GHZ
logo
API Technologies Corp
4132 APITECH-4132 Datasheet
180Kb / 2P
POWER DIVIDERS
4132 APITECH-4132 Datasheet
175Kb / 2P
POWER DIVIDERS
4132 APITECH-4132 Datasheet
175Kb / 2P
POWER DIVIDERS
4132 APITECH-4132 Datasheet
175Kb / 2P
POWER DIVIDERS
More results

Similar Description - 4132

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40255 ANAREN-40255 Datasheet
597Kb / 3P
Power Dividers
40256 ANAREN-40256 Datasheet
625Kb / 3P
Power Dividers
40260 ANAREN-40260 Datasheet
202Kb / 3P
Power Dividers
40263 ANAREN-40263 Datasheet
207Kb / 3P
Power Dividers
40269 ANAREN-40269 Datasheet
524Kb / 3P
Power Dividers
41620 ANAREN-41620 Datasheet
195Kb / 3P
Power Dividers
41690 ANAREN-41690 Datasheet
150Kb / 3P
Power Dividers
logo
API Technologies Corp
4142 APITECH-4142 Datasheet
175Kb / 2P
POWER DIVIDERS
logo
Anaren Microwave
4J0267 ANAREN-4J0267 Datasheet
164Kb / 2P
Power Dividers
40255 ANAREN-40255_14 Datasheet
603Kb / 4P
Power Dividers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com