Electronic Components Datasheet Search
  English  ▼

X  

4125 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 4125
Description  4125
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

4125 Datasheet(HTML) 1 Page - API Technologies Corp

  4125 Datasheet HTML 1Page - API Technologies Corp 4125 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
FIVE-WAY, 2 TO 8 GHz
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
4005 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance2
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.6
1.50/1.50
14
0.5
4
20
4125
2-4
0.6
1.60/1.60
14
0.5
6
20
4135
4-8
0.7
1.70/1.70
14
0.6
8
20
4145
NOTES:
1. Input power with 1.5 max output load VSWR. Power handling is reduced when used as a combiner. Consult factory.
2. To equalize the phase at all five ports, add an additional external line length to J3 and J5 equivalent to 1.2 cm of air line, and add a line length to J4
equivalent to 2.2 cm of air line.
B
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
OUTLINE DRAWING


Similar Part No. - 4125

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4125 FILTRONIC-4125 Datasheet
287Kb / 2P
POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
logo
Peregrine Semiconductor...
4125 PEREGRINE-4125 Datasheet
234Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
logo
API Technologies Corp
4125 APITECH-4125 Datasheet
160Kb / 2P
POWER DIVIDERS
4125 APITECH-4125 Datasheet
165Kb / 2P
POWER DIVIDERS
logo
Adafruit Industries
4125 ADAFRUIT-4125 Datasheet
830Kb / 2P
Fluorescent Pigment - Green
5-17-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com