Electronic Components Datasheet Search
  English  ▼

X  

PCI-8554 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCI-8554
Description  10-CH General Purpose Timers/Counters & 8-CH DIO Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCI-8554 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCI-8554 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CompactPCI
2-54
www.adlinktech.com
1
Software &
Utilities
Fanless
Embedded
Computers
12
DAQ
2
PXI
3
Modular
Instruments
4
GPIB & Bus
Expansion
5
Motion
Control
6
Real-time
Distributed
I/O
7
PAC
8
Remote I/O
9
Communi-
cations
10
Vision
11
cPCI &
Industrial
Computers
13
Timer/Counter
10-CH General Purpose Timers/Counters & 8-CH DIO Card
PCI/cPCI-8554
Introduction
ADLINK's PCI/cPCI-8554 are 10-CH 16-bit timer/counter and digital I/O cards which provides ten independent
timer/counters and one cascaded 32-bit timer. The clock source for each timer/counter can be software selected from
the cascaded 32-bit timer, external clock source, timer/counter output of the last channel, and the onboard 8 MHz
clock. The flexible architecture makes it easy to re-configure the hardware; for example, up to ten timer/counters can
be cascaded to form a 160-bit timer/counter. The hardware can also generate interrupts from either the external interrupt
sources or the output of the cascaded 32-bit timer.
The programmable de-bounce filters provide eleven channels of glitch-filtered external clock inputs for timer/counters
and the external interrupt input. This feature further improves the reliability for counting applications.
The PCI/cPCI-8554 also provides 8-CH TTL digital inputs and 8-CH TTL digital outputs. ADLINK PCI/cPCI-8554
delivers cost-effective and reliable solutions for event counting, frequency measurement, baud-rate generation,
watchdog timer, and other industrial applications.
Features
■
Supports a 32-bit 5 V PCI bus (PCI-8554)
■
3UEurocardformfactor,CompactPCIcompliant
(PICMG 2.0 R3.0) (cPCI-8554)
■
Onboardfour8254programmabletimer/counterchips
■
10-CHindependent16-bitdowncounters
■
1-CH 32-bit cascaded timer
■
Onboard8MHzclocksource
■
Fourprogrammableclocksourcesforeachtimer/counter
■
Programmablede-bouncefiltersforexternalclock&
externalinterruptinputs
■
Programmable interrupt sources
■
8-CHTTLdigitalinputs&8-CHTTLdigitaloutputs
■
+12Vand+5Vpoweravailableontheconnector
■
Onboardresettablefusesforpoweroutputprotection
■Operating Systems
•Windows 7/Vista/XP/2000/2003
•Linux
•Windows CE (call for availability)
■Recommended Software
•AD-Logger
•VB.NET/VC.NET/VB/VC++/BCB/Delphi
•DAQBench
■Driver Support
•DAQPilot for Windows
•DAQPilot for LabVIEW™
•DAQ-MTLB for MATLAB®
•PCIS-DASK for Windows
•PCIS-DASK/X for Linux
ProgrammableDe-bounceFiltersforExternalClocks
■
Number of channels: 11
■
Filtered inputs: external clock, external interrupt
■
Glitch rejection pulse width: 4 periods of the
debounce clock
■
De-bounce clock: up to 2 MHz, programmable
Interrupt
■
Number of interrupt sources: 2
■
Sources: external interrupt input and output of
counter #12
Digital I/O
■
Number of channels: 8 inputs and 8 outputs
■
Compatibility: 5 V/TTL
■
Data transfers: programmed I/O
General Specifications
■
I/O connector: One 100-pin SCSI-II female
■
Operating temperature: 0°C to 60°C
■
Storage temperature: -20°C to 80°C
■
Relative humidity: 5% to 95%, non-condensing
■
Power requirements
■
Dimensions (not including connectors)
134 mm x 107 mm (PCI-8554)
160 mm x 100 mm (cPCI-8554/8554R)
Device
PCI-8554/cPCI-8554/cPCI-8554R
+5 V
350 mA typical
Terminal Boards & Cables
■DIN-100S-01
Terminal Board with One 100-pin SCSI-II Connector and
DIN-Rail Mounting (Cables are not included. For more
information about mating cables, please refer to P2-59/60.)
Note:
LegacyDIN-502ScanbereplacedbytwoDIN-50S-01
andACL-10252-1(100-Pintotwo50-PinCable,1M)
Ordering Information
■ PCI-8554
10-CH General Purpose Timer/Counter & 8-CH
DIO Card
■ cPCI-8554
12-CH 16-Bit Timer/Counter & Digital I/O Card
■ cPCI-8554R
12-CH 16-Bit Timer/Counter & Digital I/O Card
with Rear I/O
Note:
RearI/OversioncannotbeusedinPXIchassisduetosignals
conflictwithPXIbus
Pin Assignment
GND
GOUT2
GIN2
GND
GOUT1
GIN1
E_INT
DI_7
DI_5
DI_3
DI_1
DO_7
DO_5
DO_3
DO_1
ECLK12
COUT12
ECLK11
COUT11
GND
COUT10
GATE10
ECLK10
COUT9
GATE9
ECLK9
COUT8
GATE8
ECLK8
COUT7
GATE7
ECLK7
COUT6
GATE6
ECLK6
COUT5
GATE5
ECLK5
COUT4
GATE4
ECLK4
COUT3
GATE3
ECLK3
COUT2
GATE2
ECLK2
COUT1
GATE1
ECLK1
+12Vout
+12Vout
+12Vout
+5Vout
+5Vout
+5Vout
GATE12 / N/A*
DI_6
DI_4
DI_2
DI_0
DO_6
DO_4
DO_2
DO_0
GATE11 / N/A*
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
PCI/cPCI-8554
PCI-8554
cPCI-8554
*GATE11&GATE12forcPCI-8554,N/AforPCI-8554
Specifications
General-PurposeTimer/Counters
■
Number of channels: 10
■
Counter width: 16 bits
■
Compatibility: 5 V/TTL
■
Base clock available: 8 MHz or external clock up to 10 MHz
■
Programmable clock sources
•cascaded 32-bit timer output
•external clock
•timer/counter output of the last channel
•Onboard 8 MHz clock
CascadedTimer
■
Number of channels: 1
■
Counter width: 32 bits
■
Compatibility: 5 V/TTL
■
Base clock available: 8 MHz, fixed


Similar Part No. - PCI-8554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-8504 ETC2-PCI-8504 Datasheet
762Kb / 2P
4-Axis Motion Control Board
PCI-8504L ETC2-PCI-8504L Datasheet
762Kb / 2P
4-Axis Motion Control Board
PCI-8570 ETC2-PCI-8570 Datasheet
272Kb / 1P
PCI-to-PXI/PXI-to-PXI Expansion Kits
More results

Similar Description - PCI-8554

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U Datasheet
535Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761 Datasheet
536Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-725 ADVANTECH-PCL-725 Datasheet
537Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input ISA Card
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
8-ch DI, 8-ch DO Expansion Module
logo
List of Unclassifed Man...
CPCI-7248 ETC2-CPCI-7248 Datasheet
297Kb / 1P
48-CH DIO & Timer/Counter Cards
LPCI-7230 ETC2-LPCI-7230 Datasheet
424Kb / 2P
32-CH Isolated DIO Cards
PCI-6202 ETC2-PCI-6202 Datasheet
308Kb / 2P
4-CH 16-Bit 1 MS/s Analog Output & 32-CH Isolation DIO Card
logo
Advantech Co., Ltd.
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
PCI-1761 ADVANTECH-PCI-1761_15 Datasheet
156Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input PCI Card
logo
Adlink Technology Inc.
CPCI-7248 ADLINK-CPCI-7248 Datasheet
297Kb / 1P
48-CH DIO & Timer/Counter Cards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com