Electronic Components Datasheet Search
  English  ▼

X  

TAS5342DDVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5342DDVRG4
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342DDVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5342DDVRG4 Datasheet HTML 1Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 2Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 3Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 4Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 5Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 6Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 7Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 8Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TM
1
FEATURES
DESCRIPTION
0
30
2
4
6
8
10
12
14
16
18
20
22
24
26
28
8 Ω
6 Ω
4 Ω
T =75°C
THD+Nat10%
C
PVDD – SupplyVoltage – V
0
130
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
APPLICATIONS
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
www.ti.com
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
23
• Total Power Output (Bridge Tied Load)
–
2
× 100 W at 10% THD+N Into 4 Ω
The TAS5342 is a high-performance, integrated
stereo digital amplifier power stage designed to drive
–
2
× 80 W at 10% THD+N Into 6 Ω
a 4-Ω bridge-tied load (BTL) at up to 100 W per
–
2
× 65 W at 10% THD+N Into 8 Ω
channel with low harmonic distortion, low integrated
• Total Power Output (Single Ended)
noise, and low idle current.
–
4
× 40 W at 10% THD+N Into 3 Ω
The TAS5342 has a complete protection system
–
4
× 30 W at 10% THD+N Into 4 Ω
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
• Total Power Output (Parallel Mode)
system. These protection features are short-circuit
–
1
× 200 W at 10% THD+N Into 2 Ω
protection, over-current protection, under voltage
–
1
× 160 W at 10% THD+N Into 3 Ω
protection, over temperature protection, and a loss of
PWM signal (PWM activity detector).
• >110 dB SNR (A-Weighted With TAS5518
Modulator)
A power-on-reset (POR) circuit is used to eliminate
power-supply sequencing that is required for most
• <0.1% THD+N (1 W, 1 kHz)
power-stage designs.
• Supports PWM Frame Rates of 192 kHz to
BTL OUTPUT POWER
432 kHz
vs
• Resistor-Programmable Current Limit
SUPPLY VOLTAGE
• Integrated Self-Protection Circuitry, Including:
–
Under Voltage Protection
–
Overtemperature Warning and Error
–
Overload Protection
–
Short-Circuit Protection
–
PWM Activity Detector
• Standalone Protection Recovery
• Power-On Reset (POR) to Eliminate System
Power-Supply Sequencing
• High-Efficiency Power Stage (>90%) With
80-m
Ω Output MOSFETs
• Thermally Enhanced Package 44-Pin HTSSOP
(DDV)
• Error Reporting, 3.3-V and 5.0-V Compliant
• EMI Compliant When Used With
Recommended System Design
PurePath Digital™
• Mini/Micro Audio System
• DVD Receiver
• Home Theater
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital, PowerPad are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - TAS5342DDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5342DDV TI1-TAS5342DDV Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDV TI2-TAS5342DDV Datasheet
895Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
REVISED OCTOBER 2007
TAS5342DDV.A TI2-TAS5342DDV.A Datasheet
895Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
REVISED OCTOBER 2007
More results

Similar Description - TAS5342DDVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
253Kb / 15P
100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com