Electronic Components Datasheet Search
  English  ▼

X  

TAS5342 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5342
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5342 Datasheet HTML 9Page - Texas Instruments TAS5342 Datasheet HTML 10Page - Texas Instruments TAS5342 Datasheet HTML 11Page - Texas Instruments TAS5342 Datasheet HTML 12Page - Texas Instruments TAS5342 Datasheet HTML 13Page - Texas Instruments TAS5342 Datasheet HTML 14Page - Texas Instruments TAS5342 Datasheet HTML 15Page - Texas Instruments TAS5342 Datasheet HTML 16Page - Texas Instruments TAS5342 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
–160
+0
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
22k
1k 2k 3k 4k 5k 6k 7k 8k 9k 10k 11k 12k 13k 14k 15k 16k 17k 18k 19k 20k 21k
f – Frequency – kHz
T =75°C
V
=18.9V
SampleRate=48kHz
FFTSize=16384
C
REF
TYPICAL CHARACTERISTICS, SE CONFIGURATION
PVDD – SupplyVoltage – V
4 Ω
3 Ω
0
50
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
0
30
2
4
6
8
10
12
14
16
18
20
22
24
26
28
T =75°C
THD+Nat10%
C
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
50
50m 100m 200m 500m 1
2
5
10
20
4 Ω
3 Ω
T =75°C
THD+Nat10%
C
P – OutputPower – W
O
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
NOISE AMPLITUDE
vs
FREQUENCY
Figure 7.
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 8.
Figure 9.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com