Electronic Components Datasheet Search
  English  ▼

X  

TAS5342DDVR Datasheet(PDF) 23 Page - Texas Instruments

Part # TAS5342DDVR
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342DDVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5342DDVR Datasheet HTML 19Page - Texas Instruments TAS5342DDVR Datasheet HTML 20Page - Texas Instruments TAS5342DDVR Datasheet HTML 21Page - Texas Instruments TAS5342DDVR Datasheet HTML 22Page - Texas Instruments TAS5342DDVR Datasheet HTML 23Page - Texas Instruments TAS5342DDVR Datasheet HTML 24Page - Texas Instruments TAS5342DDVR Datasheet HTML 25Page - Texas Instruments TAS5342DDVR Datasheet HTML 26Page - Texas Instruments TAS5342DDVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.ti.com
Overtemperature Protection
DEVICE RESET
Undervoltage Protection (UVP) and Power-On
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
PPSC detection is enabled in BTL and PBTL output
VDD or GVDD_X pin results in all half-bridge outputs
configurations, the detection is not performed in SE
immediately being set in the high-impedance (Hi-Z)
mode. To make sure not to trip the PPSC detection
state and SD being asserted low. The device
system it is recommended not to insert resistive load
automatically resumes operation when all supply
to GND_X or PVDD_X.
voltages have increased above the UVP threshold.
The TAS5342 has a two-level temperature-protection
Two reset pins are provided for independent control
system that asserts an active-low warning signal
of half-bridges A/B and C/D. When RESET_AB is
(OTW) when the device junction temperature
asserted low, all four power-stage FETs in half--
exceeds 125°C (nominal) and, if the device junction
bridges A and B are forced into a high-impedance
temperature exceeds 155°C (nominal), the device is
(Hi-Z) state. Likewise, asserting RESET_CD low
put into thermal shutdown, resulting in all half-bridge
forces all four power-stage FETs in half-bridges C
outputs being set in the high-impedance (Hi-Z) state
and D into a high-impedance state. Thus, both reset
and SD being asserted low. OTE is latched in this
pins are well suited for hard-muting the power stage if
case. To clear the OTE latch, either RESET_AB or
needed.
RESET_CD must be asserted. Thereafter, the device
In BTL modes, to accommodate bootstrap charging
resumes normal operation.
prior to switching start, asserting the reset inputs low
enables weak pulldown of the half-bridge outputs. In
the SE mode, the weak pulldowns are not enabled,
Reset (POR)
and it is therefore recommended to ensure bootstrap
The UVP and POR circuits of the TAS5342 fully
capacitor charging by providing a low pulse on the
protect the device in any power-up/down and
PWM inputs when reset is asserted high.
brownout situation. While powering up, the POR
Asserting either reset input low removes any fault
circuit resets the overload circuit (OLP) and ensures
information to be signalled on the SD output, i.e., SD
that all circuits are fully operational when the
is forced high.
GVDD_X and VDD supply voltages reach stated in
the Electrical Characteristics Table. Although
A rising-edge transition on either reset input allows
GVDD_X and VDD are independently monitored, a
the device to resume operation after an overload
supply voltage drop below the UVP threshold on any
fault. To ensure thermal reliability, the rising edge of
reset must occur no sooner than 4ms after the falling
edge of SD.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com