Electronic Components Datasheet Search
  English  ▼

X  

AAT3215 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3215
Description  150mA CMOS High Performance LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3215 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3215 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3215 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3215.2002.03.0.91
1
General Description
The AAT3215 MicroPower™ Low Dropout Linear
Regulator is ideally suited for portable applications
where low noise, extended battery life and small
size are critical. The AAT3215 has been specifi-
cally designed for very low output noise perform-
ance, fast transient response and high power sup-
ply rejection ratio (PSRR), making it ideal for pow-
ering sensitive RF circuits.
Other features include low quiescent current, typi-
cally 95µA, and low dropout voltage which is typi-
cally less than 140mV at full output current. The
device is output short circuit protected and has a
thermal shutdown circuit for additional protection
under extreme conditions.
The AAT3215 also features a low-power shutdown
mode for extended battery life. A reference bypass
pin has been provided to improve PSRR perform-
ance and output noise, by connecting an external
capacitor from the AAT3215's reference output to
ground.
The AAT3215 is available in a space saving 5-pin
SOT-23 or 8-pin SC70-JW package in 8 factory
programmed voltages of 2.5V, 2.7V, 2.8V, 2.85V,
2.9V, 3.0V, 3.3V, or 3.5V.
Features
•
Low Dropout - 140mV at 150mA
•
Guaranteed 150mA Output
•
High accuracy ±1.5%
•
95µA Quiescent Current
•
High Power Supply Ripple Rejection
•
70 dB at 1kHz
•
50 dB at 10kHz
•
Very low self noise 45µVrms/rtHz
•
Fast line and load transient response
•
Short circuit protection
•
Over-Temperature protection
•
Uses Low ESR ceramic capacitors
•
Noise reduction bypass capacitor
•
Shutdown mode for longer battery life
•
Low temperature coefficient
•
8 Factory programmed output voltages
•
SOT-23 5-pin or SC70-JW 8-pin package
Applications
•
Cellular Phones
•
Notebook Computers
•
Portable Communication Devices
•
Personal Portable Electronics
•
Digital Cameras
AAT3215
150mA CMOS High Performance LDO
Typical Application
AAT3215
EN
IN
OUT
BYP
GND
ON/OFF
1
µF
10nF
2.2
µF
VIN
GND
GND
VOUT
PowerLinear™


Similar Part No. - AAT3215

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IGV-2.5-T1 AAT-AAT3215IGV-2.5-T1 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3215IGV-2.5-T1 ANALOGICTECH-AAT3215IGV-2.5-T1 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IGV-2.6-T1 AAT-AAT3215IGV-2.6-T1 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
More results

Similar Description - AAT3215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com