Electronic Components Datasheet Search
  English  ▼

X  

AAT3220 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3220
Description  150mA NanoPower??LDO Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3220 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3220 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3220 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The AAT3220 PowerLinear™ NanoPower Low
Dropout Linear Regulator is ideal for portable appli-
cations where extended battery life is critical. This
device features extremely low quiescent current
which is typically 1.1µA. Dropout voltage is also
very low, typically less than 225mV at the maxi-
mum output current of 150mA. The AAT3220 has
output short circuit and over current protection. In
addition, the device also has an over temperature
protection circuit, which will shutdown the LDO reg-
ulator during extended over current events.
The AAT3220 is available in a space saving SOT-23
package or a SOT-89 for applications requiring
increased power dissipation. The device is rated
over a -40°C to 85°C temperature range. Since only
a small, 1µF ceramic output capacitor is required,
often the only space used is that occupied by the
AAT3220 itself. The AAT3220 is truly a compact and
cost effective voltage conversion solution.
The AAT3221/2 is a similar product for this appli-
cation, especially when a shutdown mode is
required for further power savings.
Features
•
1.1 µA Quiescent Current
•
Low Dropout: 200 mV (typ)
•
Guaranteed 150mA Output
•
High accuracy: ±2.0%
•
Current limit protection
•
Over-Temperature protection
•
Low Temperature Coefficient
•
Factory programmed output voltages:
1.8V to 3.5V
•
Stable operation with virtually any output
capacitor type
•
3-pin SOT-89 and SOT-23 packages
•
4kV ESD Rating
Applications
•
Cellular Phones
•
Notebook Computers
•
Portable Communication Devices
•
Handheld Electronics
•
Remote Controls
•
Digital Cameras
•
PDAs
AAT3220
150mA NanoPower™ LDO Linear Regulator
Typical Application
AAT3220
IN
OUT
GND
INPUT
OUTPUT
GND
GND
3220.2001.09.1.0
1
PowerLinear™


Similar Part No. - AAT3220

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3220 SKYWORKS-AAT3220 Datasheet
1Mb / 15P
150mA NanoPowerTM LDO Linear Regulator
August 7, 2012
logo
Advanced Analog Technol...
AAT3220IGY-1.8-T1 AAT-AAT3220IGY-1.8-T1 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
logo
Advanced Analogic Techn...
AAT3220IGY-1.8-T1 ANALOGICTECH-AAT3220IGY-1.8-T1 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3220

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
3201.2006.01.1.2
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
3220.2006.01.1.4
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
150mA NanoPower??LDO Linear Regulator
3221.2005.12.1.11
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
150mA OmniPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
150mA NanoPower??LDO Linear Regulator
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
150mA NanoPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com