Electronic Components Datasheet Search
  English  ▼

X  

DAQ-2213 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DAQ-2213
Description  16-CH 16-Bit 250 kS/s Low-Cost Multi-Function DAQ Cards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAQ-2213 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DAQ-2213 Datasheet HTML 1Page - List of Unclassifed Manufacturers DAQ-2213 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
Software &
Utilities
Fanless
Embedded
Computers
12
DAQ
2
PXI/PXIe
3
Modular
Instruments
4
GPIB & Bus
Expansion
5
Motion
Control
6
Real-time
Distributed
I/O
7
PAC
8
Remote I/O
9
Communi-
cations
10
Vision
11
cPCI &
Industrial
Computers
13
2-24
www.adlinktech.com
High-Performance DAQ
Ordering Information / Quick Selection Guide
Model Name
Analog Input
Analog Output
DIO
Timer/Counter
No. of
channels
Resolution
Sampling rate
Input range
No. of
channels
Resolution
Sampling rate
No. of channels
No. of channels
DAQ/DAQe-2213
8 DI/16 SE
16 bits
250 kS/s
±1.25 V to ±10 V
-
-
-
24-CH 8255 PIO
2-CH, 16-bit
DAQ/DAQe-2214
8 DI/16 SE
16 bits
250 kS/s
±1.25 V to ±10 V
2
12 bits
1 MS/s
24-CH 8255 PIO
2-CH, 16-bit
Specifications
Model Name
DAQ/DAQe-2213
DAQ/DAQe-2214
*Gain = 1, 2, 4, 8
Analog Input
Resolution
Number of channels
Channel gain queue size
Maximum update rate
Programmable gain
Bipolar input ranges
Unipolar input ranges
Offset error
Gain error
Input coupling
Overvoltage protection
Input impedance
CMRR (gain = 1)
Settling time
-3 dB small signal bandwidth
(@Bipolar +/-10V Gain=1)
Trigger sources
Trigger modes
FIFO buffer size
Data transfers
Analog Output
Number of channels
Resolution
Output ranges
Maximum update rate
Slew rate
Settling time
Offset error
Gain error
Driving capacity
Stability
Trigger sources
Trigger modes
FIFO buffer size
Data transfers
Digital I/O
Number of channels
Compatibility
Data transfers
General-Purpose Timer/Counter
Number of channels
Resolution
Compatibility
Base clock available
Auto Calibration
Onboard reference
Temperature drift
Stability
General Specifications
Dimensions
Connector
Operating temperature
Storage temperature
Humidity
Power requirements
16 bits, no missing codes
16 single-ended or 8 differential (software selectable per channel)
512
250 kS/s
1, 2, 4, 8
±10 V, ±5 V, ±2.5 V, ±1.25 V
0-10 V, 0-5 V, 0-2.5 V, 0-1.25 V
±1 mV
±0.06% of FSR
DC
Power on: Continuous ±30 V, Power off: Continuous ±15 V
1 GΩ /100 pF
83 dB
4 μs to 0.01% error
600 kHz (@Bipolar +/-10V Gain=1)
Software, external digital/analog trigger, SSI bus
Pre-trigger, post-trigger, middle-trigger, delay-trigger, and repeated trigger
1 k samples
Polling, scatter-gather DMA
-
2 voltage outputs
-
12 bits
-
0-10 V, ±10 V, 0-AOEXTREF, ±AOEXTREF
-
1 μs
-
20 V / μs
-
3 μs to ±0.5 LSB accuracy
-
±2 mV
-
±0.04% of max. output
-
±5 mA
-
Any passive load, up to 1500 pF
-
Software, external digital/analog trigger, SSI bus
-
Post-trigger, delay-trigger, and repeated trigger
-
1 k samples
-
Programmed I/O, scatter-gather DMA
24-CH 8255 programmable input/output
5 V/TTL
Programmed I/O
2
16 bits
5 V/TTL
40 MHz, external clock up to 10 MHz
+5 V
±2 ppm/˚C
±6 ppm/1000 Hrs
175 mm x 107 mm (not including connectors) (DAQ-2213/2214)
168 mm x 107 mm (not including connectors) (DAQe-2213/2214)
68-pin VHDCI female x 2
0 to 55˚C
-20 to 70˚C
5 to 95%, non-condensing
+5 V 1.2 A typical (DAQ-2213)
+5 V 1.2 A typical (DAQ-2214)
+3.3 V 0.84 A, +12 V 0.604 A typical (DAQe-2214)
+3.3 V 0.77 A, +12 V 0.572 A typical (DAQe-2213)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com