Electronic Components Datasheet Search
  English  ▼

X  

TLK2541PFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLK2541PFPR
Description  1 TO 2.6 GBPS TRANSCEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2541PFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK2541PFPR Datasheet HTML 3Page - Texas Instruments TLK2541PFPR Datasheet HTML 4Page - Texas Instruments TLK2541PFPR Datasheet HTML 5Page - Texas Instruments TLK2541PFPR Datasheet HTML 6Page - Texas Instruments TLK2541PFPR Datasheet HTML 7Page - Texas Instruments TLK2541PFPR Datasheet HTML 8Page - Texas Instruments TLK2541PFPR Datasheet HTML 9Page - Texas Instruments TLK2541PFPR Datasheet HTML 10Page - Texas Instruments TLK2541PFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLK2541
www.ti.com
SLLS779B
– JANUARY 2008 – REVISED APRIL 2008
DISSIPATION RATINGS
(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
PACKAGE(2)
POWER RATING
ABOVE TA = 25°C
POWER RATING
PFP80(3)
5.01 W
42.9 mW/
°C
2.69 W
(1)
This data was taken using 2 oz trace and copper pad that is soldered directly to a JEDEC standard 4 layer 3 in
× 3 in PCB.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
Standard JEDEC High-K board.
For more information, refer to TI application note PowerPAD
™ Thermally Enhanced package, TI literature
number SLMA002.
ELECTRICAL CHARACTERISTICS
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.3
2.5
2.7
V
Frequency = 1.25 Gbps, PRBS pattern
280
ICC
Supply current
mA
Frequency = 2.5 Gbps, PRBS pattern
310
Frequency = 1.25 Gbps, PRBS pattern
700
PD
Power dissipation
Frequency = 2.5 Gbps, PRBS pattern
775
mW
Frequency = 2.6 Gbps, worst case pattern(1)
825
Low Power Mode current
TX_CLK Static, VDDA and VDD = Max
1
mA
PLL startup lock time
VDD, VDDC = 2.3 V
0.1
0.4
ms
Data acquisition time
Frequency = 1.25 Gbps or 2.5 Gbps, K28.5 D16.2
256
ns
pattern (3 sigma values)
TA
Operating free-air temperature
–40
85
°C
(1)
Worst case pattern is a pattern that creates a maximum transition density on the serial transceiver.
REFERENCE CLOCK (REFCLK)TIMING REQUIREMENTS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
Minimum data rate
Typ
–0.01%
100
Typ+0.01%
MHz
Frequency
Maximum data rate
Typ
–0.01%
130
Typ+0.01%
MHz
Frequency tolerance
–100
100
ppm
Duty cycle
40%
50%
60%
Jitter
Peak-to-peak
40
ps
© 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TLK2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com