Electronic Components Datasheet Search
  English  ▼

X  

AAT3520 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3520
Description  MicroPower Microprocessor Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3520 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3520 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3520 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AAT3520/2/4
MicroPower Microprocessor Reset Circuit
Typical Application
*AAT3524 Only
AAT3520
AAT3522
AAT3524
uP
V
CC
V
CC
V
CC
RESET
(RESET)
GND
GND
RESET
INPUT
100k
(nominal)
*
3520.2002.2.0.9
1
General Description
The AAT3520 Series of PowerManager™ products
is a member of AATI's Total Power Management
IC™ (TPMIC™) product family.
These micro-
processor reset circuits are ideal for monitoring volt-
age supplies in portable systems, where extended
battery life is critical. They provide a low cost, reli-
able solution by eliminating external components.
The AAT3520 series operates by monitoring the
system power supply voltage. When the input volt-
age drops below a fixed threshold, the device
asserts a reset signal for a fixed time period after
V
CC has risen back above the fixed threshold; 30ms
and 150ms minimum periods are available. The
AAT3520 product series is guaranteed to operate
down to 1.2V and designed to ignore fast line tran-
sients appearing on V
CC.
The AAT3520 series is
available with three output stage versions: AAT3520
push-pull active high output, AAT3522 push-pull
active low output and AAT3524 open drain active
low output.
The quiescent supply current is
extremely low, typically 1µA, making it ideal for
portable battery operated equipment.
The AAT3520/2/4 are available in a 3 pin SOT23
package and are specified over -40° to 85°C oper-
ating temperature range.
Features
•
1.2V to 5.5V Input voltage range
•
Operation down to 1.2V
•
Extremely low quiescent current: less than 2µA
•
High accuracy detection threshold: ±1.5%
•
Monitor Power Supply Voltages
•
Fixed thresholds from 2.2V to 4.6V
•
Reset pulse width options
•
Minimum 30 ms or 150ms
•
Fast propagation delay <20µs
•
Available output configurations:
•
Open-drain output
•
CMOS active high output
•
CMOS active low output
•
Temp range -40 to 85°C
•
3 pin SOT23 package
Applications
•
Notebook Computers
•
Cell Phones
•
Portable Electronics
•
Embedded Systems
•
Intelligent Instruments
PowerManager™


Similar Part No. - AAT3520

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520IGY-2.32-200-T1 AAT-AAT3520IGY-2.32-200-T1 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
logo
Advanced Analogic Techn...
AAT3520IGY-2.32-200-T1 ANALOGICTECH-AAT3520IGY-2.32-200-T1 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520IGY-2.63-200-T1 AAT-AAT3520IGY-2.63-200-T1 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
More results

Similar Description - AAT3520

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
2005.12.1.2
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com