Electronic Components Datasheet Search
  English  ▼

X  

TLV3501 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3501 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3501 Datasheet HTML 3Page - Texas Instruments TLV3501 Datasheet HTML 4Page - Texas Instruments TLV3501 Datasheet HTML 5Page - Texas Instruments TLV3501 Datasheet HTML 6Page - Texas Instruments TLV3501 Datasheet HTML 7Page - Texas Instruments TLV3501 Datasheet HTML 8Page - Texas Instruments TLV3501 Datasheet HTML 9Page - Texas Instruments TLV3501 Datasheet HTML 10Page - Texas Instruments TLV3501 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
7
APPLICATIONS INFORMATION
The TLV3501 and TLV3502 both feature high-speed
response and includes 6mV of internal hysteresis for
improved noise immunity with an input common-mode
range that extends 0.2V beyond the power-supply rails.
SHUTDOWN
A shutdown pin allows the device to go into idle when it is
not in use. When the shutdown pin is high, the device
draws about 2
µA and the output goes to high impedance.
When the shutdown pin is low, the TLV3501 is active.
When the TLV3501 shutdown feature is not used, simply
connect the shutdown pin to the most negative supply, as
shown in Figure 1. It takes about 100ns to come out of
shutdown mode. The TLV3502 does not have the
shutdown feature.
V
IN
V
REF
V
OUT
V
S
0.1
µF2.2µF
TLV3501
Figure 1. Basic Connections for the TLV3501
OPERATING VOLTAGE
TLV3501 comparators are specified for use on a single
supply from +2.7V to +5.5V (or a dual supply from
±1.35V
to
±2.75V) over a temperature range of −40°C to +125°C.
The device continues to function below this range, but
performance is not specified.
ADDING EXTERNAL HYSTERESIS
The TLV350x has a robust performance when used with a
good layout. However, comparator inputs have little noise
immunity within the range of specified offset voltage
(
±5mV). For slow moving or noisy input signals, the
comparator output may display multiple switching as input
signals move through the switching threshold. In such
applications, the 6mV of internal hysteresis of the TLV350x
might not be sufficient. In cases where greater noise
immunity is desired, external hysteresis may be added by
connecting a small amount of feedback to the positive
input. Figure 2 shows a typical topology used to introduce
25mV of additional hysteresis, for a total of 31mV
hysteresis when operating from a single 5V supply. Total
hysteresis is approximated by Equation 1:
V
HYST +
( V
))
R
1
R
1
) R
2
) 6mV
VHYST sets the value of the transition voltage required to
switch the comparator output by enlarging the threshold
region, thereby reducing sensitivity to noise.
V
IN
V
REF
V
OUT
V
S =5V
0.1
µF2.2µF
TLV3501
R
1 =51Ω
R
2 =10kΩ
Figure 2. Adding Hysteresis to the TLV350x
INPUT OVER-VOLTAGE PROTECTION
Device inputs are protected by ESD diodes that will
conduct if the input voltages exceed the power supplies by
more than approximately 300mV. Momentary voltages
greater than 300mV beyond the power supply can be
tolerated if the input current is limited to 10mA. This limiting
is easily accomplished with a small input resistor in series
with the comparator, as shown in Figure 3.
V
IN
V
REF
V
OUT
V
S
0.1
µF2.2µF
TLV3501
R
Figure 3. Input Current Protection for Voltages
Exceeding the Supply Voltage
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com