Electronic Components Datasheet Search
  English  ▼

X  

AAT3526 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3526
Description  MicroPower Supervisory Circuit with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3526 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3526 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3526 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AAT3526/7/8
MicroPower Supervisory Circuit with Manual Reset
Typical Application
*AAT3528 Only
AAT3526
AAT3527
AAT3528
uP
V
MR
CC
V
CC
V
CC
RESET
(RESET)
GND
GND
RESET
INPUT
100k
(nominal)
*
3526.2002.1.0.62
1
General Description
The AAT3526/7/8 PowerManager™ products are
members of AATI's Total Power Management IC™
(TPMIC™) product family. These microprocessor
reset circuits are ideal for monitoring voltage sup-
plies in portable systems, where extended battery
life is critical. They provide a low cost, reliable solu-
tion by eliminating external components.
The
AAT3526/7/8 products operate by monitoring the
system power supply voltage. When the input volt-
age drops below a fixed threshold, the device
asserts a reset signal for a minimum of 150ms after
V
CC has risen back above the fixed threshold. They
are guaranteed to operate down to 1.2V and
designed to ignore fast line transients appearing on
V
CC. The AAT3526/7/8 series is available with three
output stage versions: AAT3526 push-pull active
low output, AAT3527 push-pull active high output
and AAT3528 open drain active low output. The
quiescent supply current is extremely low, typically
1µA, making this device ideal for portable battery
operated equipment.
The AAT3526/7/8 are available in a 4 pin SOT143
package and are specified over -40° to 85°C oper-
ating temperature range.
Features
•
1.2V to 5.5V Input voltage range
•
Operation down to 1.2V
•
Extremely low quiescent current: less than 2µA
•
High accuracy detection threshold: ±1.5%
•
Monitor Power Supply Voltages
•
Fixed thresholds from 2.2V to 4.6V
•
Minimum 150ms reset pulse width with fast
delay time <20µs
•
Debounced Manual Reset Input
•
Available output configurations:
•
Open-drain output
•
CMOS active high output
•
CMOS active low output
•
Temp range -40 to 85°C
•
4 pin SOT143 package
Applications
•
Notebook Computers
•
Cell Phones
•
Portable Electronics
•
Embedded Systems
•
Intelligent Instruments
PowerManager™


Similar Part No. - AAT3526

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
3526.2006.03.1.6
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526ICX-2.32-200-T1 AAT-AAT3526ICX-2.32-200-T1 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
3526.2006.03.1.6
logo
Advanced Analogic Techn...
AAT3526ICX-2.32-200-T1 ANALOGICTECH-AAT3526ICX-2.32-200-T1 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526ICX-2.63-200-T1 AAT-AAT3526ICX-2.63-200-T1 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
3526.2006.03.1.6
More results

Similar Description - AAT3526

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
3526.2006.03.1.6
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
Microprocessor Supervisory with Manual Reset Input
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
Micropower Microprocessor Reset Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com