Electronic Components Datasheet Search
  English  ▼

X  

OT40F3 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Switch-disconnectors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button OT40F3 Datasheet HTML 16Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 17Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 18Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 19Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 20Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 21Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 22Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 23Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
20
1SCC301001C0201
Ordering information
21
Side operated switch-disconnectors without handle
Including terminal bolt kit, the handle and shaft have to be ordered separately.
Number I
th
Rated oper.
Type
Order number
Units/
Weight/
of
(open) currents
type
unit
poles
[A]
AC22A/AC23A
[pcs]
[kg]
400V [A/A]
3
200
200/200
OT200ES03
1SCA022860R0200
1
1.8
4
200
200/200
OT200ES04
1SCA022860R0540
1
2.2
3
250
250/250
OT250ES03
1SCA022860R0890
1
1.8
4
250
250/250
OT250ES04
1SCA022860R1010
1
2.2
3
315
315/315
OT315ES03
1SCA022860R1270
1
3.4
4
315
315/315
OT315ES04
1SCA022860R1510
1
4.0
3
400
400/400
OT400ES03
1SCA022860R1780
1
3.4
4
400
400/400
OT400ES04
1SCA022860R1940
1
4.0
3
630
630/630
OT630ES03
1SCA022860R2240
1
7.0
4
630
630/630
OT630ES04
1SCA022860R2410
1
8.2
3
800
800/800
OT800ES03
1SCA022860R2670
1
7.0
4
800
800/800
OT800ES04
1SCA022860R2830
1
8.2
Side operated switch-disconnectors with direct mounted handle
Including terminal bolt kit, a black Test-ON-OFF plastic handle and shaft as standard. The handle is
padlockable in the OFF-position.
3
200
200/200
OT200ES03K
1SCA022860R0620
1
1.9
4
200
200/200
OT200ES04K
1SCA022860R0710
1
2.3
3
250
250/250
OT250ES03K
1SCA022860R0970
1
1.9
4
250
250/250
OT250ES04K
1SCA022860R1190
1
2.3
3
315
315/315
OT315ES03K
1SCA022860R1350
1
3.5
4
315
315/315
OT315ES04K
1SCA022860R1600
1
4.1
3
400
400/400
OT400ES03K
1SCA022860R1860
1
3.5
4
400
400/400
OT400ES04K
1SCA022860R2080
1
4.1
3
630
630/630
OT630ES03K
1SCA022860R2320
1
7.0
4
630
630/630
OT630ES04K
1SCA022860R2590
1
8.4
3
800
800/800
OT800ES03K
1SCA022860R2750
1
7.2
4
800
800/800
OT800ES04K
1SCA022860R2910
1
8.4
1)
Phase distance 140 mm
2)
Max. distance between busbar support and switch terminal 70 mm
Switch-disconnectors
OETL1250M3
OT200ES03K
OT200ES03
Shafts and handles included as standard
Suitable for switches
Included shaft
Included handle
Included terminal bolts
OT200...250
M8x25
OT315...400
M10x30
OT630..800
M12x40
OETL1250
OXP12X185
OHB145J12E421
M12x60
Earthing switches, base mounting
Including a black IP65 handle with
- O -indication, padlockable in both positions, door interlock in O-position.
Number Short circuit
Short time
Type
Order number
Units/
Weight/
of
making capa- withstand
type
unit
poles
city r.m.s. [kA] current/1s [kA]
[pcs]
[kg]
3
50/0.4s2)
50
OETL1250M3
1SCA022102R1410
1
16
4
50/0.5s2)
OETL1250M4
1SCA022189R0930
1
21
110 (Peak)
3
OETL1250M1401) 1SCA022126R6950
1
21
4
OETL1250M4-1401) 1SCA022290R5680
1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com