Electronic Components Datasheet Search
  English  ▼

X  

TLV70430DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70430DBVT
Description  24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70430DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70430DBVT Datasheet HTML 3Page - Texas Instruments TLV70430DBVT Datasheet HTML 4Page - Texas Instruments TLV70430DBVT Datasheet HTML 5Page - Texas Instruments TLV70430DBVT Datasheet HTML 6Page - Texas Instruments TLV70430DBVT Datasheet HTML 7Page - Texas Instruments TLV70430DBVT Datasheet HTML 8Page - Texas Instruments TLV70430DBVT Datasheet HTML 9Page - Texas Instruments TLV70430DBVT Datasheet HTML 10Page - Texas Instruments TLV70430DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
P
D + VIN * VOUT
I
OUT
P
D(max) +
T
J max * TA
R
q
JA
TLV704xx
www.ti.com
SBVS148C
– OCTOBER 2010 – REVISED AUGUST 2011
APPLICATION INFORMATION
The TLV704xx series belong to a family of ultralow IQ
TA is the ambient temperature.
LDO regulators. IQ remains fairly constant over the
The
regulator
dissipation
is
calculated
using
complete output load current and temperature range.
Equation 2:
The
devices
are
ensured
to
operate
over
a
temperature range of
–40°C to +125°C.
(2)
Power dissipation resulting from quiescent current is
INPUT AND OUTPUT CAPACITOR
negligible.
REQUIREMENTS
The TLV704 requires a 1-
µF or larger capacitor
REGULATOR PROTECTION
connected between OUT and GND for stability.
Ceramic or tantalum capacitors can be used. Larger
The TLV704xx series of LDO regulators use a
value capacitors result in better transient and noise
PMOS-pass transistor that has a built-in back diode
performance.
that conducts reverse current when the input voltage
drops below the output voltage (for example, during
Although an input capacitor is not required for
power-down). Current is conducted from the output to
stability, when a 0.1-
µF or larger capacitor is placed
the input and is not internally limited. If extended
between IN and GND, it counteracts reactive input
reverse voltage operation is anticipated, external
sources
and
improves
transient
and
noise
limiting might be appropriate.
performance. Higher value capacitors are necessary
if large, fast rise time load transients are anticipated.
The TLV704xx features internal current limiting.
During normal operation, the TLV704xx limits output
current to approximately 250 mA. When current
BOARD LAYOUT RECOMMENDATIONS
limiting engages, the output voltage scales back
Input and output capacitors should be placed as
linearly until the overcurrent condition ends. Take
close to the device pins as possible. To avoid
care not to exceed the rated maximum operating
interference of noise and ripple on the board, it is
junction temperature of +125
°C. Continuously running
recommended that the board be designed with
the device under conditions where the junction
separate ground planes for VIN and VOUT, with the
temperature
exceeds
+125
°C
degrades
device
ground plane connected only at the device GND pin.
reliability.
In addition, the ground connection for the output
The ability to remove heat from the die is different for
capacitor should be connected directly to the device
each
package
type,
presenting
different
GND pin.
considerations in the printed circuit board (PCB)
layout. The PCB area around the device that is free
POWER DISSIPATION AND JUNCTION
of other components moves the heat from the device
TEMPERATURE
to the ambient air. Performance data for JEDEC
To ensure reliable operation, worst-case junction
high-K boards are given in the Power Dissipation
temperature
should
not
exceed
+125
°C.
This
Rating table. Using heavier copper increases the
restriction limits the power dissipation the regulator
effectiveness in removing heat from the device. The
can handle in any given application. To ensure the
addition of plated through-holes to heat-dissipating
junction temperature is within acceptable limits,
layers also improves heatsink effectiveness. Power
calculate the maximum allowable dissipation, PD(max),
dissipation depends on input voltage and load
and the actual dissipation, PD, which must be less
conditions. Power dissipation (PD) is equal to the
than or equal to PD(max).
product of the output current and the voltage drop
across the output pass element, as shown in
The maximum power dissipation limit is determined
Equation 2.
using Equation 1:
PACKAGE MOUNTING
(1)
Solder
pad
footprint
recommendations
for
the
TLV704xx are available from the Texas Instruments
where:
web site at www.ti.com through the TLV704 series
TJmax is the maximum allowable junction
product folders. The recommended land pattern for
temperature.
the DBV package is appended to this data sheet.
RθJA is the thermal resistance junction-to-ambient
for the package (see the Power Dissipation
Rating table).
Copyright
© 2010–2011, Texas Instruments Incorporated
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com