Electronic Components Datasheet Search
  English  ▼

X  

AAT4280 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4280
Description  Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4280 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4280 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4280 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SmartSwitch™
General Description
The AAT4280 SmartSwitch™ is a member of AATI's
Application Specific Power MOSFET™ (ASPM™)
product family. The AAT4280 is a P-channel MOS-
FET power switch designed for high-side load-
switching applications. The P-channel MOSFET
device has a typical RDS(ON) of 80mΩ, allowing
increased load switch power handling capacity. This
device is available in three different versions with
flexible turn on and off characteristics from very fast
to slew rate limited. The standard AAT4280 (-1) ver-
sion has a slew rate limited turn on load switch and
is functionally compatible with the AAT42
50 device
while offering superior RDS(ON) characteristics. The
AAT4280 (-2) version features fast load switch turn
on capabilities, typically less than 210ns turn on and
3µs turn off times. The AAT4280 (-3) variation offers
a shutdown load discharge circuit to rapidly turn off
a load circuit when the switch is disabled.
All
AAT4280 load switch versions operate with an input
voltage ranging from 1.8V to 5.5V, making them
ideal for both 3V and 5V systems. The AAT4280
also features an under voltage lock out which turns
the switch off when an input under-voltage condition
exists. Input logic levels are TTL and 2.5 volt to 5
volt CMOS compatible. The quiescent supply cur-
rent is very low, typically 2
.5µA. In shutdown mode,
the supply current decreases to less than 1µA.
The AAT4280 is available in a 6 pin SOT23 or 8
pin SC70JW package and is specified over -40°C
to 85°C temperature range.
Features
•
1.8V to 5.5V Input voltage range
•
Very Low RDS(ON), typically 80mΩ (5V)
•
Slew rate limited turn-on time options
•1ms
•
0.
5µs
•
100µs
•
Fast shutdown load discharge option
•
Low quiescent current
•
2.5µA typ
•
1µA max in shutdown
•
TTL/CMOS input logic level
•
Temperature range -40ºC to 85°C
•
4kV ESD rating
•
6 pin SOT23 or SC70JW-8 package
Applications
•
Cellular telephones
•
Digital still cameras
•
Personal digital assistants (PDA)
•
Hot swap supplies
•
Notebook computers
•
Personal communication devices
AAT4280
Slew Rate Controlled Load Switch
Typical Application
AAT4280
COUT
0.1
µF
CIN
1
µF
OUT
IN
GND
VOUT
GND
GND
VIN
ON/OFF
GND
IN
ON
4280.2002.2.0.92
1


Similar Part No. - AAT4280

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4280 SKYWORKS-AAT4280 Datasheet
1Mb / 14P
Slew Rate Controlled Load Switch
July 31, 2012
logo
Advanced Analogic Techn...
AAT4280-1 ANALOGICTECH-AAT4280-1 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4280-1 SKYWORKS-AAT4280-1 Datasheet
1Mb / 14P
Slew Rate Controlled Load Switch
July 31, 2012
More results

Similar Description - AAT4280

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com