Electronic Components Datasheet Search
  English  ▼

X  

74HC154N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC154N
Description  4-to-16 line decoder/demultiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC154N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC154N Datasheet HTML 1Page - NXP Semiconductors 74HC154N Datasheet HTML 2Page - NXP Semiconductors 74HC154N Datasheet HTML 3Page - NXP Semiconductors 74HC154N Datasheet HTML 4Page - NXP Semiconductors 74HC154N Datasheet HTML 5Page - NXP Semiconductors 74HC154N Datasheet HTML 6Page - NXP Semiconductors 74HC154N Datasheet HTML 7Page - NXP Semiconductors 74HC154N Datasheet HTML 8Page - NXP Semiconductors 74HC154N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
2 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
4.
Functional diagram
74HC154BQ
−40 °C to +125 °C
DHVQFN24 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 24 terminals; body
3.5
× 5.5 × 0.85 mm
SOT815-1
74HCT154
74HCT154N
−40 °C to +125 °C
DIP24
plastic dual in-line package; 24 leads (600 mil)
SOT101-1
74HCT154D
−40 °C to +125 °C
SO24
plastic small outline package; 24 leads; body width
7.5 mm
SOT137-1
74HCT154DB
−40 °C to +125 °C
SSOP24
plastic shrink small outline package; 24 leads; body width
5.3 mm
SOT340-1
74HCT154PW
−40 °C to +125 °C
TSSOP24
plastic thin shrink small outline package; 24 leads; body
width 4.4 mm
SOT355-1
74HCT154BQ
−40 °C to +125 °C
DHVQFN24 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 24 terminals; body
3.5
× 5.5 × 0.85 mm
SOT815-1
Table 1.
Ordering information …continued
Type number
Package
Temperature range Name
Description
Version
Fig 1.
Functional diagram
001aab071
20
21
22
DECODER
23
7
A3
A2
A1
A0
E0
Y6
6
Y5
5
Y4
4
Y3
3
Y2
2
Y1
1
18
19
Y0
E1
8
Y7
9
Y8
10
Y9
11
Y10
13
Y11
14
Y12
15
Y13
16
Y14
17
Y15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com