Electronic Components Datasheet Search
  English  ▼

X  

AAT4612 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4612
Description  Current Limited Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4612 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4612 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4612 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SmartSwitch™
AAT4612
Current Limited Load Switch
4612.2002.1.0.9
1
General Description
The AAT4612 SmartSwitch™ is a member of
AnalogicTech's Application Specific Power MOS-
FET™ (ASPM™) product family.
It is a Current
Limited P-channel MOSFET power switch designed
for high-side load-switching applications operating
with inputs ranging from 2.
4V to 5.5V which makes it
ideal for both 3V and 5V systems. An integrated cur-
rent-limiting circuit protects the input supply from large
currents which potentially cause the supply to fall out
of regulation. In addition, the AAT4612 thermal over-
load protection limits power dissipation and junction
temperatures associated with prolonged periods of
operation in current limit. Due to its low RDS(ON), the
AAT4612 can be used to control loads that require up
to 1A even while operating at high ambient tempera-
tures. The ultra fast current-limit response to a sud-
den short circuit is a mere 500ns which reduces the
requirements of local supply bypassing. Quiescent
current is a low 1
0µA and in shutdown mode, the
supply current decreases to less than 1µA.
The AAT4612 is available in a 5-pin SOT23, and an
8-pin SC70JW specified over a -40 to 85°C temper-
ature range.
The AAT4600 Series is a family of adjustable and
fixed SmartSwitch™ products with a range of current
handling capabilities. Available are single versions
with adjustable current limit (AAT4610, AAT4601) as
well as fixed current limit (AAT4625), and dual ver-
sions with fixed current limit (AAT4626, AAT4670).
Features
•
2.
4V to 5.5V Input voltage range
•
1A current limit trip threshold
•
Fast transient response:
•
<1µs response to short circuit
•
Low quiescent current
•
1
0µA typ
•
1µA max with Switch off
•
100m
Ω typical R
DS(ON)
•
Undervoltage Lockout
•
Thermal Shutdown
•
Temp range -40 to 85°C
•
4kV ESD Rating
•
5-pin SOT23 package
•
8-pin SC70JW package
Applications
•
Peripheral ports
•
Notebook computers
•
Personal communication devices
•
Hot swap supplies
Typical Application
AAT4612
SOT23
ON
IN
OUT
GND
ON
INPUT
GND
GND
C
IN
1
µF
C
OUT
0.47
µF
V
CC
1
2
5
4


Similar Part No. - AAT4612

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4612IGV-T1 AAT-AAT4612IGV-T1 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
logo
Advanced Analogic Techn...
AAT4612IGV-T1 ANALOGICTECH-AAT4612IGV-T1 Datasheet
241Kb / 11P
Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4612IJS-T1 AAT-AAT4612IJS-T1 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
More results

Similar Description - AAT4612

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4612 AAT-AAT4612 Datasheet
241Kb / 11P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
logo
Advanced Analogic Techn...
AAT4610A ANALOGICTECH-AAT4610A_07 Datasheet
191Kb / 11P
Current Limited Load Switch
AAT4612 ANALOGICTECH-AAT4612_06 Datasheet
241Kb / 11P
Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618_06 Datasheet
251Kb / 11P
Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com