Electronic Components Datasheet Search
  English  ▼

X  

74HC154PW Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC154PW
Description  4-to-16 line decoder/demultiplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC154PW Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC154PW Datasheet HTML 8Page - NXP Semiconductors 74HC154PW Datasheet HTML 9Page - NXP Semiconductors 74HC154PW Datasheet HTML 10Page - NXP Semiconductors 74HC154PW Datasheet HTML 11Page - NXP Semiconductors 74HC154PW Datasheet HTML 12Page - NXP Semiconductors 74HC154PW Datasheet HTML 13Page - NXP Semiconductors 74HC154PW Datasheet HTML 14Page - NXP Semiconductors 74HC154PW Datasheet HTML 15Page - NXP Semiconductors 74HC154PW Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
12 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance; should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistor.
S1 = Test selection switch.
Fig 9.
Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
PULSE
GENERATOR
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC154
VCC
6 ns
15 pF, 50 pF
1 k
Ω
open
74HCT154
3 V
6 ns
15 pF, 50 pF
1 k
Ω
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com