Electronic Components Datasheet Search
  English  ▼

X  

74HC164DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC164DB
Description  8-bit serial-in, parallel-out shift register
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC164DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC164DB Datasheet HTML 5Page - NXP Semiconductors 74HC164DB Datasheet HTML 6Page - NXP Semiconductors 74HC164DB Datasheet HTML 7Page - NXP Semiconductors 74HC164DB Datasheet HTML 8Page - NXP Semiconductors 74HC164DB Datasheet HTML 9Page - NXP Semiconductors 74HC164DB Datasheet HTML 10Page - NXP Semiconductors 74HC164DB Datasheet HTML 11Page - NXP Semiconductors 74HC164DB Datasheet HTML 12Page - NXP Semiconductors 74HC164DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74HC_HCT164
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 13 June 2013
9 of 20
NXP Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-40-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; test circuit see Figure 10; unless otherwise specified
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
(1) Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Waveforms showing the clock (CP) to output (Qn) propagation delays, the clock pulse width, the output
transition times and the maximum clock frequency
001aal392
CP input
Qn output
tPHL
tPLH
tTHL
tTLH
tW
VOH
VI
GND
VOL
VM
VM
VX
VY
1/fmax
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC164
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT164
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com