Electronic Components Datasheet Search
  English  ▼

X  

74HC244DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC244DB
Description  Octal buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC244DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC244DB Datasheet HTML 4Page - NXP Semiconductors 74HC244DB Datasheet HTML 5Page - NXP Semiconductors 74HC244DB Datasheet HTML 6Page - NXP Semiconductors 74HC244DB Datasheet HTML 7Page - NXP Semiconductors 74HC244DB Datasheet HTML 8Page - NXP Semiconductors 74HC244DB Datasheet HTML 9Page - NXP Semiconductors 74HC244DB Datasheet HTML 10Page - NXP Semiconductors 74HC244DB Datasheet HTML 11Page - NXP Semiconductors 74HC244DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74HC_HCT244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 24 September 2012
8 of 18
NXP Semiconductors
74HC244; 74HCT244
Octal buffer/line driver; 3-state
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Input (nAn) to output (nYn) propagation delays and output transition times
001aae013
tPLH
tPHL
VM
VM
VM
VM
nYn output
nAn input
VI
GND
VOH
VOL
tTLH
tTHL
90 %
10 %
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
3-state enable and disable times
001aae014
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
nYn output
LOW-to-OFF
OFF-to-LOW
nYn output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC244
0.5
 V
CC
0.5
 V
CC
0.1
 V
CC
0.9
 V
CC
74HCT244
1.3 V
1.3 V
0.1
 V
CC
0.9
 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com