Electronic Components Datasheet Search
  English  ▼

X  

AAT4625 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4625
Description  USB Single-Channel Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4625 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4625 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4625 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SmartSwitch™
AAT4625
USB Single-Channel Power Switch
4625.2002.1.0.93
1
General Description
The
AAT4625
SmartSwitch™
is
part
of
AnalogicTech's
Application
Specific
Power
MOSFET™ (ASPM™) product family. It is a 1.0A
Current Limited P-channel, MOSFET power switch
designed for high-side load-switching applications.
This switch operates with inputs ranging from 2.7V
to 5.5V, making it ideal for both 3V and 5V systems.
An integrated current-limiting circuit protects the
input supply against large changes in load current
which may cause the supply to fall out of regulation.
The AAT4625 is also protected from thermal over-
load which limits power dissipation and junction
temperatures. The current limit threshold is factory
programmed at 1.5A, with a maximum of 2.0A. The
quiescent supply current is typically a low 16µA. In
shutdown mode, the supply current decreases to
less than 1µA.
The AAT4625 is available in 8 pin SOP or TSSOP
and is specified over a -40 to 85°C temperature
range.
The AAT4600 Series is a family of adjustable and
fixed SmartSwitch™ products with a range of cur-
rent handling capabilities. Single versions with
adjustable current limit (AAT4601) or fixed current
limit (AAT4625) as well as dual versions with fixed
current limit (AAT4626) are available.
Features
•
Compliant with USB 1.1 and 2.0 specifications
•
2.7V to 5.5V Input voltage range
•
1.0A minimum continuous current
•
2.0A maximum current limit
•
60m
Ω typical R
DS(ON)
•
Low quiescent current
•
Typically 16µA
•
1µA max with Switch off
•
Thermal shutdown
•
Fault flag with 10ms blanking
•
Undervoltage Lockout
•
Temp range -40 to 85°C
•
UL Approved—File No. E217765
•
8 pin SOP or TSSOP package
Applications
•
USB ports and peripherals
•
Notebook computers
•
Hot swap supplies
•
General purpose power switching
UL Recognized Component
Typical Application
120
µF
GND
GND
OUTPUT
OUT
OUT
IN
EN (EN)
EN (EN)
0.1
µF
VCC 5.0V
100k
FLG
7
2
1
3
8
6
AAT4625


Similar Part No. - AAT4625

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Skyworks Solutions Inc.
AAT4625 SKYWORKS-AAT4625 Datasheet
1Mb / 14P
USB Single-Channel Power Switch
May 15, 2012
logo
Advanced Analog Technol...
AAT4625IAS-1-T1 AAT-AAT4625IAS-1-T1 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625IAS-1-T1 ANALOGICTECH-AAT4625IAS-1-T1 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
More results

Similar Description - AAT4625

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
Single Channel USB Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
TS2024 TSC-TS2024 Datasheet
395Kb / 8P
1.5A Single Channel USB Power Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
0.75A Single Channel USB Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com