Electronic Components Datasheet Search
  English  ▼

X  

74HC7541DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC7541DB
Description  Octal Schmitt trigger buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC7541DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC7541DB Datasheet HTML 1Page - NXP Semiconductors 74HC7541DB Datasheet HTML 2Page - NXP Semiconductors 74HC7541DB Datasheet HTML 3Page - NXP Semiconductors 74HC7541DB Datasheet HTML 4Page - NXP Semiconductors 74HC7541DB Datasheet HTML 5Page - NXP Semiconductors 74HC7541DB Datasheet HTML 6Page - NXP Semiconductors 74HC7541DB Datasheet HTML 7Page - NXP Semiconductors 74HC7541DB Datasheet HTML 8Page - NXP Semiconductors 74HC7541DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74HC_HCT7541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 25 July 2011
3 of 17
NXP Semiconductors
74HC7541; 74HCT7541
Octal Schmitt trigger buffer/line driver; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For DIP20 packages: above 70
C the value of P
tot derates linearly with 12 mW/K.
For SO20 packages: above 70
C the value of P
tot derates linearly with 8 mW/K.
For SSOP20 and TSSOP20 packages: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
OE1
1
output enable input (active LOW)
A0 to A7
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
Y0 to Y7
18, 17, 16, 15, 14, 13, 12, 11 data output
OE2
19
output enable input (active LOW)
VCC
20
supply voltage
Table 3.
Functional table[1]
Control
Input
Output
OE1
OE2
An
Yn
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
[2]
DIP20
-
750
mW
SO20, SSOP20, TSSOP20
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com