Electronic Components Datasheet Search
  English  ▼

X  

BXMF1011 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMF1011
Description  Frequency Multiplier (x15)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMF1011 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMF1011 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Excellent Harmonic Performance: -50 dBc
• High Input Threshold: +17 dBm
• Low Sub-Harmonic Content: -60 dBc
• Environmental Screening Available
Frequency Multiplier (x15)
Model BXMF1011 (400 - 500 MHz)
Description
Spectrum Microwave offers a complete line of low noise,
odd order SRD frequency multipliers, which exhibit excel-
lent phase noise performance. The input signal is ampli-
fied, multiplied, and filtered at X Band. Filtering in this
series of multipliers is accomplished through a very narrow,
high Q bandpass filter.
All internal semiconductors are housed in rugged, hermeti-
cally sealed packages to ensure excellent performance
over military environmental conditions.
Additive phase noise testing is performed on each device
to ensure low phase noise/jitter performance.
Applications
• Synthesizer Building Block
• SIGINT
• ELINT
• EW
Spectrum Microwave, Inc. • P: 888.553.7531 • F: 888.553.7532
E-mail: sales@spectrummicrowave.com • www.SpectrumMicrowave.com
Typical Specifications
Input Frequency
400 to 500 MHz
Input Level
+17 dBm
Output Frequency
6 - 7.5 GHz
Output Level
+3 dBm
Bandwidth
2%
Switching Speed
90 nsec
Harmonics
-50 dBc
Sub-Harmonics
-60 dBc
DC Power
+15 V @ 110 mA
-5 V @ 1 mA
Temp Range
0oC to +75oC
All specifications above measured at 25 oC
Dimensions and Connections
2” L x 3.5” W x 1” H
Revision: 11/26/2012


Similar Part No. - BXMF1011

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXMF1010 APITECH-BXMF1010 Datasheet
150Kb / 1P
Frequency Multiplier (x4, x8)
BXMF1012 APITECH-BXMF1012 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1013 APITECH-BXMF1013 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1014 APITECH-BXMF1014 Datasheet
159Kb / 1P
Frequency Multiplier (x2 to x48)
BXMF1015 APITECH-BXMF1015 Datasheet
154Kb / 1P
Frequency Multiplier (x2 to x48)
More results

Similar Description - BXMF1011

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
API Technologies Corp
BXMF1013 APITECH-BXMF1013 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
BXMF1012 APITECH-BXMF1012 Datasheet
64Kb / 1P
Frequency Multiplier (x15)
X15 APITECH-X15 Datasheet
237Kb / 1P
Frequency Multipliers X15 Multiplication
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com