Electronic Components Datasheet Search
  English  ▼

X  

74HC4067DB Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 74HC4067DB
Description  16-channel analog multiplexer/demultiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4067DB Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 74HC4067DB Datasheet HTML 17Page - NXP Semiconductors 74HC4067DB Datasheet HTML 18Page - NXP Semiconductors 74HC4067DB Datasheet HTML 19Page - NXP Semiconductors 74HC4067DB Datasheet HTML 20Page - NXP Semiconductors 74HC4067DB Datasheet HTML 21Page - NXP Semiconductors 74HC4067DB Datasheet HTML 22Page - NXP Semiconductors 74HC4067DB Datasheet HTML 23Page - NXP Semiconductors 74HC4067DB Datasheet HTML 24Page - NXP Semiconductors 74HC4067DB Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
21 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
a. Typical
3 dB frequency response
b. Test circuit
VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig 17.
3 dB frequency response
001aag739
fi (kHz)
10
105
106
104
102
103
0
5
Vos
(dB)
−5
0.1
μF
001aag738
VIL
Z
dB
Yn
E
Vos
VCC
2RL
2RL
CL
Vis
fi
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com