Electronic Components Datasheet Search
  English  ▼

X  

SM53 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM53
Description  Professional Scalpels and Blades
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM53 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM53 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM53 Datasheet HTML 2Page - List of Unclassifed Manufacturers SM53 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
The PCABS handle, designed in house, features a forward position to assist with easy blade fitment and removal along with
audible clicks to indicate the mid usage position and the rear safe position for when the knife is not in use.
SMOR II is supplied with two SM01 blades and can also be used with the SM01B, SM02, SM03, SM03B and SM04 blades.
SMOR II Retractable Handle
4307
Smor II handle with 2 SM01 Blades
Trimaway & Retractaway
Trimaway (
2338) purposely designed as an economic throwaway knife, the Trimaway has a strong nylon-based handle fitted
with a fixed surgical quality heavy-duty No.25A blade and comes complete with guard. The Trimaway is particularly suitable
for artwork, crafts and model making and the cutting edge requirements of the handy person and D.I.Y. enthusiast.
The Retractaway (
2339) is a sleek graphite-finish metal handle offering the added safety of a hand retractable blade mechanism.
2338
Plastic Handle with 25A Tip
2339
Handle with 2 blades 310A
MOQ: 10 pcs
MOQ: 10 pcs
MOQ: 50 pcs
SM01
SM01B
SM03
SM04
SM02
SM03B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com