Electronic Components Datasheet Search
  English  ▼

X  

AAT4626 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4626
Description  USB Dual-Channel Power Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4626 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4626 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SmartSwitch™
General Description
The
AAT4626
SmartSwitch™
is
part
of
AnalogicTech's
Application
Specific
Power
MOSFET™ (ASPM™) product family. It is a dual-
channel 500mA current-limited P-channel MOSFET
power switch designed for high-side load-switching
applications. This switch operates with inputs rang-
ing from 2.7V to 5.5V, making it ideal for both 3V
and 5V systems. An integrated current-limiting cir-
cuit protects the input supply against large changes
in load current which may cause the supply to fall
out of regulation. The AAT4626 is also protected
from thermal overload which limits power dissipa-
tion and junction temperatures. The current limit
threshold is factory programmed at 1.0A, with a
maximum of 1.5A. The quiescent supply current is
typically a low 20µA. In shutdown mode, the supply
current decreases to less than 1µA.
The AAT4626 is available in 8 pin SOP or TSSOP
specified over a -40 to 85°C temperature range.
The AAT4600 Series is a family of adjustable and
fixed SmartSwitch™ products with a range of cur-
rent handling capabilities. Single versions with
adjustable current limit (AAT4601) or fixed current
limit (AAT4625) as well as dual versions with fixed
current limit (AAT4626) are also available.
Features
•
Compliant to USB 1.1 and 2.0 specifications
•
2.7V to 5.5V Input voltage range
•
500mA (min) continuous current per channel
•
1.25A (max) current limit per channel
•
90m
Ω typical R
DS(ON)
•
Low quiescent current
•
Typically 20µA
•
1µA max with Switches off
•
Thermal shutdown
•
Slew rate limited turn on
•
Fault flag with 2ms blanking
•
Undervoltage Lockout
•
Temp range -40 to 85°C
•
UL Approved—File No. E217765
•
8 pin SOP or TSSOP package
Applications
•
USB ports and peripherals
•
Notebook computers
•
Hot swap supplies
•
General purpose power switching
UL Recognized Component
AAT4626
USB Dual-Channel Power Switch
Typical Application
AAT4626
VCC 5.0V
GND
GND
47
µF
47
µF
FLGA
FLGB
OUTA
OUTB
(ENB)
ENB
(ENB)
ENB
(ENA)
ENA
(ENA)
ENA
OUTPUTB
OUTPUTA
0.1
µF
100k
Ω
100k
Ω
1
4
8
5
2
6
3
4626.2002.1.0.93
1


Similar Part No. - AAT4626

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
USB Dual-Channel Power Switch
4626.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
293Kb / 15P
USB Dual-Channel Power Switch
logo
Skyworks Solutions Inc.
AAT4626 SKYWORKS-AAT4626 Datasheet
2Mb / 15P
USB Dual-Channel Power Switch
July 20, 2012
logo
Advanced Analog Technol...
AAT4626IAS-1-T1 AAT-AAT4626IAS-1-T1 Datasheet
420Kb / 15P
USB Dual-Channel Power Switch
4626.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4626IAS-1-T1 ANALOGICTECH-AAT4626IAS-1-T1 Datasheet
293Kb / 15P
USB Dual-Channel Power Switch
More results

Similar Description - AAT4626

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
DUAL USB POWER SWITCH
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
USB Dual-Channel Power Switch
4626.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
USB Dual-Channel Power Switch
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
Single/Dual Channel USB 3.0 Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
Dual Channel USB Switch
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
DUAL-CHANNEL USB POWER SWITCH
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
Dual-Channel USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com